Electronic Components Datasheet Search
  English  ▼

X  

MCP73828 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP73828 Datasheet HTML 8Page - Microchip Technology MCP73828 Datasheet HTML 9Page - Microchip Technology MCP73828 Datasheet HTML 10Page - Microchip Technology MCP73828 Datasheet HTML 11Page - Microchip Technology MCP73828 Datasheet HTML 12Page - Microchip Technology MCP73828 Datasheet HTML 13Page - Microchip Technology MCP73828 Datasheet HTML 14Page - Microchip Technology MCP73828 Datasheet HTML 15Page - Microchip Technology MCP73828 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MCP73828
DS21706A-page 12
 2002 Microchip Technology Inc.
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current
and thermal impedance between the external P-chan-
nel pass transistor, Q1, and the ambient cooling air.
The worst-case situation is when the output is shorted.
In this situation, the P-channel pass transistor has to
dissipate the maximum power. A trade-off must be
made between the charge current, cost and thermal
requirements of the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging sys-
tem. The following discussion is intended as a guide for
the component selection process.
6.1.1.1
SENSE RESISTOR
The preferred fast charge current for Lithium-Ion cells
is at the 1C rate with an absolute maximum current at
the 2C rate. For example, a 500 mAH battery pack has
a preferred fast charge current of 500 mA. Charging at
this rate provides the shortest charge cycle times with-
out degradation to the battery pack performance or life.
The current sense resistor, RSENSE, is calculated by:
Where:
VCS is the current limit threshold voltage
IOUT is the desired fast charge current
For the 500 mAH battery pack example, a standard
value 100 m
Ω, 1% resistor provides a typical peak fast
charge current of 530 mA and a maximum peak fast
charge current of 758 mA. Worst case power dissipa-
tion in the sense resistor is:
A Panasonic ERJ-L1WKF100U 100 m
Ω, 1%, 1 W
resistor is more than sufficient for this application.
A larger value sense resistor will decrease the peak
fast charge current and power dissipation in both the
sense resistor and external pass transistor, but will
increase charge cycle times. Design trade-offs must be
considered to minimize space while maintaining the
desired performance.
6.1.1.2
EXTERNAL PASS TRANSISTOR
The external P-channel MOSFET is determined by the
gate to source threshold voltage, input voltage, output
voltage, and peak fast charge current. The selected P-
channel MOSFET must satisfy the thermal and electri-
cal design requirements.
Thermal Considerations
The worst case power dissipation in the external pass
transistor occurs when the input voltage is at the maxi-
mum and the output is shorted. In this case, the power
dissipation is:
Where:
VINMAX is the maximum input voltage
IOUT is the maximum peak fast charge current
K is the foldback current scale factor
Power dissipation with a 5V, +/-10% input voltage
source, 100 m
Ω, 1% sense resistor, and a scale factor
of 0.43 is:
Utilizing a Fairchild NDS8434 or an International Recti-
fier IRF7404 mounted on a 1in2 pad of 2 oz. copper, the
junction temperature rise is 90°C, approximately. This
would allow for a maximum operating ambient temper-
ature of 60°C.
By increasing the size of the copper pad, a higher
ambient temperature can be realized or a lower value
sense resistor could be utilized.
Alternatively, different package options can be utilized
for more or less power dissipation. Again, design trade-
offs should be considered to minimize size while main-
taining the desired performance.
Electrical Considerations
The gate to source threshold voltage and RDSON of the
external P-channel MOSFET must be considered in the
design phase.
The worst case, VGS provided by the controller occurs
when the input voltage is at the minimum and the
charge current is at the maximum. The worst case, VGS
is:
Where:
VDRVMAX is the maximum sink voltage at the VDRV
output
RSENSE
VCS
IOUT
------------
=
PowerDissipation
100m
Ω 758mA
2
×
57.5mW
==
PowerDissipation
VINMAX IOUT K
×
×
=
PowerDissipation
5.5V 758mA
×
0.43
×
1.8W
==
VGS
VDRVMAX
VINMIN IOUT RSENSE
×)
–
(
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com