Electronic Components Datasheet Search
  English  ▼

X  

MCP73828 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP73828 Datasheet HTML 10Page - Microchip Technology MCP73828 Datasheet HTML 11Page - Microchip Technology MCP73828 Datasheet HTML 12Page - Microchip Technology MCP73828 Datasheet HTML 13Page - Microchip Technology MCP73828 Datasheet HTML 14Page - Microchip Technology MCP73828 Datasheet HTML 15Page - Microchip Technology MCP73828 Datasheet HTML 16Page - Microchip Technology MCP73828 Datasheet HTML 17Page - Microchip Technology MCP73828 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MCP73828
DS21706A-page 14
 2002 Microchip Technology Inc.
6.1.1.7
CHARGE COMPLETE INTERFACE
The charge complete indicator, CD10, can be utilized to
illuminate an LED when the MCP73828 is charging the
battery. When the MCP73828 is in constant voltage
mode and the charge current has diminished below
10% of IOUT(PEAK), the CD10 pin will transition to a high
impedance state. A current limit resistor should be
used in series with the LED to establish a nominal LED
bias current of 10 mA. The maximum allowable sink
current of the CD10 pin is 30 mA.
6.2
PCB Layout Issues
For optimum voltage regulation, place the battery pack
as close as possible to the device’s VOUT and GND
pins. It is recommended to minimize voltage drops
along the high current carrying PCB traces.
If the PCB layout is used as a heatsink, adding many
vias around the external pass transistor can help con-
duct more heat to the back-plane of the PCB, thus
reducing the maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com