Electronic Components Datasheet Search
  English  ▼

X  

ICS552R-01IT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS552R-01IT
Description  Oscillator, Multiplier, and Buffer with 8 Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552R-01IT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS552R-01IT Datasheet HTML 1Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 2Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 3Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 4Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 5Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 6Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 7Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 8Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICS552-01
MDS 552-01 C
1
Revision 100104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Oscillator, Multiplier, and Buffer with 8 Outputs
Description
The ICS552-01 produces 8 low-skew copies of the
multiple input clock or fundamental, parallel-mode
crystal. Unlike other clock drivers, these parts do not
require a separate oscillator for the input. Using ICS’
patented Phase-Locked Loop (PLL) to multiply the
input frequency, it is ideal for generating and
distributing multiple high-frequency clocks. This is a
single chip used for 3 different applications:
1) ICS552-01 (A mode) — an Oscillator mutilpier
2) ICS552-01 (B mode) — a Dual 1:4 buffer
3) ICS552-01 (C mode) — a 1:8 Oscillator buffer
Features (all)
• Packaged as 20-pin SSOP (QSOP)
• Pb-free packaging available
• Operating voltages of 3.0 V to 5.5 V
• Industrial temperature available
Features (specific)
ICS552-01 (for A mode)
• Contains on-chip multiplier with selections of x1,
x1.33, x2, x2.66, x3, x3.33, x4, x4.66, x5, and x6
• Power-down and Tri-state modes
ICS552-01 (for B mode)
• Up to 200 MHz clock input/output at 3.3 V
• Low skew of 250 ps maximum for any bank of four
• Inputs can be connected together for a 1 to 8 buffer
with 250 ps skew between any outputs
• Non-inverting buffer mode
• Ideal for clock networks
• Output Enable mode tri-states outputs
• Full CMOS output swing with 25 mA output drive
capability at TTL levels
• Advanced, low power, sub-micron CMOSprocess
ICS552-01 (for C mode)
• Use with 25 MHz crystal for networking
• Use with 27 MHz crystal for MPEG
ICS552-01 (for A and C modes)
• Input frequency of 10.0 to 27.0 MHz
• Provides 8 low-skew outputs (<250 ps)
• Output clock duty cycle of 40/60 at 3.3 V
Block Diagram (ICS552-01—A mode)
Crystal
Buffer/
Crystal
Oscillator
GND
VDD
PLL
Multiplier
S3:S0
CLK1
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
4
X2
10.0 to 27.0 MHz
crystal or clock input
External capacitors are
required with a crystal input.
X1


Similar Part No. - ICS552R-01IT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552R-01IT ICST-ICS552R-01IT Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
ICS552R-01IT ICST-ICS552R-01IT Datasheet
44Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
More results

Similar Description - ICS552R-01IT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS552A-01 ICST-ICS552A-01 Datasheet
186Kb / 10P
Oscillator, Multiplier, and Buffer with 8 Outputs
Revision 010906
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS552-01 RENESAS-ICS552-01 Datasheet
282Kb / 12P
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
ICS552A-01 RENESAS-ICS552A-01 Datasheet
402Kb / 12P
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com