Electronic Components Datasheet Search
  English  ▼

X  

ICS552R-01IT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS552R-01IT
Description  Oscillator, Multiplier, and Buffer with 8 Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552R-01IT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS552R-01IT Datasheet HTML 1Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 2Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 3Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 4Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 5Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 6Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 7Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 8Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Oscillator, Multiplier, and Buffer with 8 Outputs
MDS 552-01 C
2
Revision 100104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS552-01
Pin Assignment (ICS552-01—A mode)
Multiplier Select Table
Pin Descriptions (ICS552-01—A mode)
16
1
15
2
14
DC
S0
3
13
X2
4
12
X1/ICLK
DC
5
11
S2
6
7
VDD
8
GND
S3
VDD
GND
CLK1
CLK5
CLK2
CLK6
9
10
CLK3
CLK7
CLK4
CLK8
20
19
18
17
20-pin (150 mil) SSOP (QSOP)
S1
S3
S2
S1
S0
Multiplier
0
0
0
0
Power Down
00
0
1
x1
00
1
0
x1.333
00
1
1
x2
01
0
0
x2.666
01
0
1
x3
01
1
0
x3.333
01
1
1
x4
10
0
0
x5
1
0
0
1
x4.66
10
1
0
x6
1
1
0
1
Tri-state all
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
DC
—
Do not connect.
2
X2
XO
Crystal connection. Connect to a 10 - 27 MHz fundamental mode crystal.
3X1/ICLK
XI
Crystal connection. Connect to a 10 - 27 MHz fundamental mode crystal or
clock.
4
VDD
Power
Connect to +3.3 V or 5 V. Decouple with pin 6. Must be same as other VDDs.
5
S2
Input
Multiplier Select pin 2 per table above.
6
GND
Power
Connect to ground.
7
CLK1
Output
Output clock 1.
8
CLK2
Output
Output clock 2.
9
CLK3
Output
Output clock 3.
10
CLK4
Output
Output clock 4.
11
S1
Input
Multiplier Select pin 1 per table above
12
CLK5
Output
Output clock 5.
13
CLK6
Output
Output clock 6.
14
GND
Power
Connect to ground.
15
S3
Input
Multiplier Select pin 3 per table above
16
VDD
Power
Connect to +3.3 V or 5 V. Decouple with pin 14. Must be same as other VDDs.
17
CLK7
Output
Output clock 7.
18
CLK8
Output
Output clock 8.
19
DC
—
Do not connect.
20
S0
Input
Multiplier Select pin 0 per table above



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com