Electronic Components Datasheet Search
  English  ▼

X  

ICS552R-01IT Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS552R-01IT
Description  Oscillator, Multiplier, and Buffer with 8 Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552R-01IT Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS552R-01IT Datasheet HTML 1Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 2Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 3Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 4Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 5Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 6Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 7Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 8Page - Integrated Circuit Systems ICS552R-01IT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Oscillator, Multiplier, and Buffer with 8 Outputs
MDS 552-01 C
5
Revision 100104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS552-01
Block Diagram (ICS552-01—C mode)
Pin Assignment (ICS552-01—C mode)
Crystal
Oscillator
GND
VDD
CLK1
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
5
X2
10.0 to 27.0 MHz
crystal input
External capacitors are
required with a crystal input.
X1
3
16
1
15
2
14
DC
VDD
3
13
X2
4
12
X1
DC
5
11
GND
6
7
VDD
8
GND
VDD
VDD
GND
CLK1
CLK5
CLK2
CLK6
9
10
CLK3
CLK7
CLK4
CLK8
20
19
18
17
20-pin (150 mil) SSOP (QSOP)
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com