Electronic Components Datasheet Search
  English  ▼

X  

TMOV Datasheet(PDF) 2 Page - Littelfuse

Part # TMOV
Description  The Littelfuse TMOV짰 and iTMOV짰 thermally protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV Datasheet(HTML) 2 Page - Littelfuse

  TMOV Datasheet HTML 1Page - Littelfuse TMOV Datasheet HTML 2Page - Littelfuse TMOV Datasheet HTML 3Page - Littelfuse TMOV Datasheet HTML 4Page - Littelfuse TMOV Datasheet HTML 5Page - Littelfuse TMOV Datasheet HTML 6Page - Littelfuse TMOV Datasheet HTML 7Page - Littelfuse TMOV Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
Metal-Oxide Varistors (MOVs)
Radial Lead Varistors > TMOV® and iTMOV® Varistor Series
Ratings & Specifications
TMOV® Varistor
Lead–free And RoHS
Compliant Models
iTMOV® Varistor
Lead–free and RoHS
Compliant Models
Disc
Diameter
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor
Voltage at
1mATest
Current
Maximum
Clamping
Voltage
8/20
µs
Typical
Capaci-
tance
f = 1MHz
AC
Volts
DC
Volts
Energy
2ms
Peak Surge
Current 8/20
µs
Part
Number
Branding
Part
Number
Branding
V
M(AC)RMS
V
M(DC)
W
TM
I
TM 1 ×
Pulse
I
TM 2 ×
Pulse
V
N(DC)
Min
V
N(DC)
Max
V
C
I
PK
C
(mm)
(V)
(V)
(J)
(A)
(A)
(V)
(V)
(A)
(pF)
TMOV14RP115E P4T115E TMOV14RP115M P4T115M
14
115
150
35
6000
4500
162
198
300
50
1100
TMOV20RP115E P2T115E TMOV20RP115M P2T115M
20
115
150
52
10000
6500
162
198
300 100
2400
TMOV14RP130E P4T130E TMOV14RP130M P4T130M
14
130
170
50
6000
4500 184.5 225.5 340
50
1000
TMOV20RP130E P2T130E TMOV20RP130M P2T130M
20
130
170
100
10000
6500 184.5 225.5 340 100
1900
TMOV14RP140E P4T140E TMOV14RP140M P4T140M
14
140
180
55
6000
4500
198
242 360
50
900
TMOV20RP140E P2T140E TMOV20RP140M P2T140M
20
140
180
110
10000
6500
198
242 360 100
1750
TMOV14RP150E P4T150E TMOV14RP150M P4T150M
14
150
200
60
6000
4500
216
264 395
50
800
TMOV20RP150E P2T150E TMOV20RP150M P2T150M
20
150
200
120
10000
6500
216
264 395 100
1600
TMOV14RP175E P4T175E TMOV14RP175M P4T175M
14
175
225
70
6000
4500
243
297 455
50
700
TMOV20RP175E P2T175E TMOV20RP175M P2T175M
20
175
225
135
10000
6500
243
297 455 100
1400
TMOV14RP200E P4T200E TMOV14RP200M P4T200M
14
200
260
75
6000
4500
283
345 530
50
630
TMOV20RP200E P2T200E TMOV20RP200M P2T200M
20
200
260
154
10000
6500
283
345 530 100
1250
TMOV14RP230E P4T230E TMOV14RP230M P4T230M
14
230
300
80
6000
4500
324
396 595
50
550
TMOV20RP230E P2T230E TMOV20RP230M P2T230M
20
230
300
160
10000
6500
324
396 595 100
1100
TMOV14RP250E P4T250E TMOV14RP250M P4T250M
14
250
320
100
6000
4500
351
429 650
50
500
TMOV20RP250E P2T250E TMOV20RP250M P2T250M
20
250
320
170
10000
6500
351
429 650 100
1000
TMOV14RP275E P4T275E TMOV14RP275M P4T275M
14
275
350
110
6000
4500
387
473
710
50
450
TMOV20RP275E P2T275E TMOV20RP275M P2T275M
20
275
350
190
10000
6500
387
473
710 100
900
TMOV14RP300E P4T300E TMOV14RP300M P4T300M
14
300
385
125
6000
4500
423
517
775
50
400
TMOV20RP300E P2T300E TMOV20RP300M P2T300M
20
300
385
250
10000
6500
423
517
775 100
800
TMOV14RP320E P4T320E TMOV14RP320M P4T320M
14
320
420
136
6000
4500
459
561 840
50
380
TMOV20RP320E P2T320E TMOV20RP320M P2T320M
20
320
420
270
10000
6500
459
561 840 100
750
TMOV14RP385E P4T385E TMOV14RP385M P4T385M
14
385
505
150
6000
4500
558
682 1025 50
360
TMOV20RP385E P2T385E TMOV20RP385M P2T385M
20
385
505
300
10000
6500
558
682 1025 100
700
TMOV14RP420E P4T420E TMOV14RP420M P4T420M
14
420
560
160
6000
4500
612
748 1120 50
300
TMOV20RP420E P2T420E TMOV20RP420M P2T420M
20
420
560
320
10000
6500
612
748 1120 100
600
TMOV14RP460E P4T460E TMOV14RP460M P4T460M
14
460
610
180
6000
4500
675
825 1240 50
220
TMOV20RP460E P2T460E TMOV20RP460M P2T460M
20
460
610
360
10000
6500
675
825 1240 100
200
TMOV14RP510E P4T510E TMOV14RP510M P4T510M
14
510
670
185
6000
4500
738
902 1355 50
200
TMOV20RP510E P2T510E TMOV20RP510M P2T510M
20
510
670
325
10000
6500
738
902 1355 100
350
TMOV14RP550E P4T550E TMOV14RP550M P4T550M
14
550
715
190
6000
4500
819 1001 1500 50
180
TMOV20RP550E P2T550E TMOV20RP550M P2T550M
20
550
715
360
10000
6500
819 1001 1500 100
300
Absolute Maximum Ratings
Continuous
TMOV® and iTMOV® Varistor Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
115 to 750
V
Transient:
Peak Pulse Current (I
TM) - For 8x20µs Current Wave, single pulse
6,000 to 10,000
A
Single-Pulse Energy Capability - For 2ms Current Wave
35 to 480
J
Operating Ambient Temperature Range (T
A)
-55 to +85
°C
Storage Temperature Range (T
STG)
-55 to +125
°C
Temperature Coefficient (αV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/°C
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
2,500
V
Thermal Protection Isolation Voltage Capability (when operated)
600
V
COATING Insulation Resistance
1,000
MΩ
Indicator Lead Rating (Lead-3 - iTMOV® varistor only):
Continuous RMS current
100
mA
Surge Current, 8/20µs
10,000
A
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
• For ratings of individual members of a series, see Device Ratings and Specifications chart



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com