Electronic Components Datasheet Search
  English  ▼

X  

TMOV Datasheet(PDF) 3 Page - Littelfuse

Part # TMOV
Description  The Littelfuse TMOV짰 and iTMOV짰 thermally protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV Datasheet(HTML) 3 Page - Littelfuse

  TMOV Datasheet HTML 1Page - Littelfuse TMOV Datasheet HTML 2Page - Littelfuse TMOV Datasheet HTML 3Page - Littelfuse TMOV Datasheet HTML 4Page - Littelfuse TMOV Datasheet HTML 5Page - Littelfuse TMOV Datasheet HTML 6Page - Littelfuse TMOV Datasheet HTML 7Page - Littelfuse TMOV Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
Metal-Oxide Varistors (MOVs)
Radial Lead Varistors > TMOV® and iTMOV® Varistor Series
Note : The TMOV® and iTMOV® varistors are intended, in conjunction
with appropriate enclosure design, to help facilitate SPD module
compliance to UL 1449, 3rd Edition Section 39.4 (abnormal
overvoltage limited current requirements). Under these extreme
abnormal overvoltage conditions, some units will exhibit substantial
heating, arcing and venting prior to opening. Modules should be
designed to contain this possibility. Application testing is strongly
recommended.
Thermal Characteristics
* Figure 4:Typical time to open circuit under UL1449
Abnormal Overvoltage Limited CurrentTest
0.1
1
10
10
100100010000
Time(s)
0.125A
0.5A
2.5A
5A
Typical
100
1000
10000
0.000001 0.000010.0001 0.001 0.01
0.11
10
1001000 10000
Peak Current (A)
175V
150V
140V
130V
320V
300V
275V
250V
230V
Figure 6: V-I Characteristic Curves for 14mm Types
420V
385V
115V
Maximum Leakage Current
Maximum Clamping Voltage
200V
460V
510V
550V
575V
625V
750V
Maximum Clamping Voltage for 14mm Parts
Maximum Clamping Voltage for 20mm Parts
100
1000
10000
0.000001 0.000010.0001 0.0010.010.1
110100
1000 10000
Peak Current (A)
175V
150V
140V
130V
320V
275V
250V
230V
Figure 7: V-I Characteristic Curves for 20mm Types
420V
385V
115V
Maximum Leakage Current
Maximum Clamping Voltage
200V
460V
510V
550V
575V
625V 750V
300V
Figure 1
Figure 3
Figure 4
Ratings & Specifications
TMOV® Varistor
Lead–free And RoHS
Compliant Models
iTMOV® Varistor
Lead–free and RoHS
Compliant Models
Disc
Diameter
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage
at 1mATest
Current
Maximum
Clamping
Voltage 8/20
µs
Typical
Capaci-
tance
f = 1MHz
AC
Volts
DC
Volts
Energy
2ms
Peak Surge
Current 8/20
µs
Part
Number
Branding
Part
Number
Branding
V
M(AC)RMS
V
M(DC)
W
TM
I
TM 1 ×
Pulse
I
TM 2 ×
Pulse
V
N(DC)
Min
V
N(DC) Max
V
C
I
PK
C
(mm)
(V)
(V)
(J)
(A)
(A)
(V)
(V)
(A)
(pF)
TMOV14RP575E P4T575E TMOV14RP575M P4T575M
14
575
730
195
6000
4500
857
1047
1568
50
170
TMOV20RP575E P2T575E TMOV20RP575M P2T575M
20
575
730
375
10000
6500
857
1047
1568
100
275
TMOV14RP625E P4T625E TMOV14RP625M P4T625M
14
625
825
200
6000
4500
900
1100
1650
50
160
TMOV20RP625E P2T625E TMOV20RP625M P2T625M
20
625
825
400
10000
6500
900
1100
1650
100
250
TMOV14RP750E P4T750E TMOV14RP750M P4T750M
14
750
970
210
6000
4500 1080
1320
1980
50
140
TMOV20RP750E P2T750E TMOV20RP750M P2T750M
20
750
970
480
10000
6500 1080
1320
1980
100
175
100
80
60
40
20
0
-55
50
60
70
80
90
100110
120130
AMBIENT TEMPERATURE ( oC)
Current, Energy, Power Derating Curve
For applications exceeding 85°C ambient temperature, the peak
surge current and energy ratings must be reduced as shown
above.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com