Electronic Components Datasheet Search
  English  ▼

X  

TMOV Datasheet(PDF) 1 Page - Littelfuse

Part # TMOV
Description  The Littelfuse TMOV짰 and iTMOV짰 thermally protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV Datasheet(HTML) 1 Page - Littelfuse

  TMOV Datasheet HTML 1Page - Littelfuse TMOV Datasheet HTML 2Page - Littelfuse TMOV Datasheet HTML 3Page - Littelfuse TMOV Datasheet HTML 4Page - Littelfuse TMOV Datasheet HTML 5Page - Littelfuse TMOV Datasheet HTML 6Page - Littelfuse TMOV Datasheet HTML 7Page - Littelfuse TMOV Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
Metal-Oxide Varistors (MOVs)
Radial Lead Varistors > TMOV® and iTMOV® Varistor Series
RoHS
Description
Features
• RoHS compliant and
Lead–free available
•
Designed to facilitate
compliance to UL1449
for SPD products
•
High peak surge current
rating up to 10kA
•
Wave solderable
•
Standard lead form
and spacing option
•
-55°C to +85°C
operating temp range
•
Three-lead version
available for indication
purposes
Agency Approvals
Applications
• SPD Products
•
AC Panel Protection
Modules
•
AC Line Power Supplies
•
Surge Protected
Strip Connectors
•
AC Power Meters
•
Relocatable AC
Power Taps
•
GFCI (Ground Fault
Current Interupter)
•
UPS (Uninterruptable
Power Supply)
•
White Goods
•
Plug-in SPD
•
Inverters
•
AC/DC Power Supplies
Agency
Agency Approval
Agency File Number
UL1449
E320116
QC 42201-C001,
QC 42201-A001,
IEC 60950-1 (Annex Q)
IECQ-C BSI 15.0009
IEC 61051-1,
IEC 61051-2,
IEC 60950-1 (Annex Q)
40021525
TMOV® and iTMOV® Varistor Series
The Littelfuse TMOV® and iTMOV® thermally protected
varistors represent a new development in integrated
circuit protection. Both versions are comprised of radial
leaded Metal Oxide Varistors (MOVs) with an integrated
thermally activated element designed to open in the
event of overheating due to the abnormal overvoltage,
limited current, conditions outlined in UL1449. The TMOV®
and iTMOV® varistor’s integrated thermal element, in
conjunction with appropriate enclosure design, helps
facilitate SPD module compliance to UL1449 for both cord
connected and permanently connected applications.
The TMOV® and iTMOV® varistors offer quick thermal
response due to the close proximity of the integrated
thermal element to the MOV body. The integrated
configuration also offers lower inductance than most
discrete solutions resulting in improved clamping
performance to fast overvoltage transients.
The iTMOV® varistor differs from the TMOV® varistor by the
inclusion of a third lead for the purpose of indicating that
the MOV has been disconnected from the circuit. This lead
facilitates connection to monitoring circuitry.
Additionally TMOV® and iTMOV® varistors are wave
solderable, thus simplifying end product assembly by
reducing the the expense and rework associated with hand
soldering operations.
Additional Information
Datasheet
Samples
Resources
Datasheet
Samples
Resources
iTMOV
TMOV
iTMOV
TMOV
iTMOV
TMOV


Similar Part No. - TMOV

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
440Kb / 9P
Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
Varistor Products - Thermally Protected
TMOV14R115M LITTELFUSE-TMOV14R115M Datasheet
835Kb / 9P
Varistor Products - Thermally Protected
More results

Similar Description - TMOV

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14RP115E LITTELFUSE-TMOV14RP115E Datasheet
1Mb / 8P
TMOV짰 and i TMOV짰 Varistor Series
FBMOV LITTELFUSE-FBMOV Datasheet
656Kb / 3P
The Littelfuse FBMOV Series thermally protected and non-fragmenting varistor represents a new development in circuit protection.
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
The Littelfuse SMOV thermally portected varistor is a self-protected device.
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
The Littelfuse SMOV thermally protected varistor is a self-protected device.
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
Thermally protected
logo
Littelfuse
LSP05 LITTELFUSE-LSP05 Datasheet
483Kb / 3P
The Littelfuse LSP05 thermally protected Surge Protective
LSP05GI LITTELFUSE-LSP05GI Datasheet
723Kb / 4P
Littelfuse?셲 LSP05GI thermally protected Surge Protective
LSP05GX LITTELFUSE-LSP05GX Datasheet
526Kb / 4P
Littelfuse?셲 LSP05G European version thermally protected
LSP10 LITTELFUSE-LSP10 Datasheet
503Kb / 3P
The Littelfuse LSP10 thermally protected Surge Protective
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
The Littelfuse TMOV짰34S thermally protected varistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com