Electronic Components Datasheet Search
  English  ▼

X  

TPSMB Datasheet(PDF) 2 Page - Littelfuse

Part # TPSMB
Description  The TPSMB series is designed specifically to protect
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TPSMB Datasheet(HTML) 2 Page - Littelfuse

  TPSMB Datasheet HTML 1Page - Littelfuse TPSMB Datasheet HTML 2Page - Littelfuse TPSMB Datasheet HTML 3Page - Littelfuse TPSMB Datasheet HTML 4Page - Littelfuse TPSMB Datasheet HTML 5Page - Littelfuse TPSMB Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TVS Diodes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/06/17
Surface Mount – 600W > TPSMB series
Electrical Characteristics (T
A=25°C unless otherwise noted)
Note:
1. For bidirectional type having V
R of 10 volts and less, the IR limit is double.
2. V
BR @TJ= VBR@25°C x (1+αT x (TJ - 25)) (αT:Temperature Coefficient).
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Typical
I
R @
150°C
(μA)
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current
I
pp (A)
Maximum
Reverse
Leakage I
R
@ V
R
(µA)
Maximum
Temperature
coefficient of
V
BR (%/C)
Agency
Approval
UNI
BI
MIN
MAX
TPSMB7.5A
-
7V5AA
-
500
6.40
7.13
7.88
10
11.3
54.0
500
0.052
X
TPSMB8.2A
-
8V2AA
-
200
7.02
7.79
8.61
10
12.1
50.4
200
0.058
X
TPSMB9.1A
-
9V1AA
-
50
7.78
8.65
9.55
1
13.4
45.5
50
0.063
X
TPSMB10A
TPSMB10CA
10AA 10CA
20
8.55
9.50
10.50
1
14.5
42.1
10
0.066
X
TPSMB11A
TPSMB11CA
11AA
11CA
8
9.40
10.50
11.60
1
15.6
39.1
5
0.069
X
TPSMB12A
TPSMB12CA
12AA 12CA
8
10.20
11.40
12.60
1
16.7
36.5
5
0.071
X
TPSMB13A
TPSMB13CA
13AA 13CA
8
11.10
12.40 13.70
1
18.2
33.5
1
0.074
X
TPSMB15A
TPSMB15CA
15AA 15CA
8
12.80
14.30 15.80
1
21.2
28.8
1
0.076
X
TPSMB16A
TPSMB16CA
16AA 16CA
8
13.60
15.20 16.80
1
22.5
27.1
1
0.080
X
TPSMB18A
TPSMB18CA
18AA 18CA
8
15.30
17.10
18.90
1
25.5
24.2
1
0.083
X
TPSMB20A
TPSMB20CA
20AA 20CA
8
17.10
19.00
21.00
1
27.7
22.0
1
0.085
X
TPSMB22A
TPSMB22CA
22AA 22CA
8
18.80
20.90 23.10
1
30.6
19.9
1
0.088
X
TPSMB24A
TPSMB24CA
24AA 24CA
8
20.50
22.80 25.20
1
33.2
18.4
1
0.091
X
TPSMB27A
TPSMB27CA
27AA 27CA
8
23.10
25.70 28.40
1
37.5
16.3
1
0.092
X
TPSMB30A
TPSMB30CA
30AA 30CA
8
25.60
28.50
31.50
1
41.4
14.7
1
0.093
X
TPSMB33A
TPSMB33CA
33AA 33CA
8
28.20
31.40
34.70
1
45.7
13.3
1
0.094
X
TPSMB36A
TPSMB36CA
36AA 36CA
8
30.80
34.20
37.80
1
49.9
12.2
1
0.096
X
TPSMB39A
TPSMB39CA
39AA 39CA
8
33.30
37.10
41.00
1
53.9
11.3
1
0.097
X
TPSMB43A
TPSMB43CA
43AA 43CA
8
36.80
40.90 45.20
1
59.3
10.3
1
0.098
X
TPSMB47A
TPSMB47CA
47AA 47CA
8
40.20
44.70 49.40
1
64.8
9.4
1
0.099
X
TPSMB51A
TPSMB51CA
51AA 51CA
8
43.60
48.50 53.60
1
70.1
8.7
1
0.100
X
TPSMB56A
TPSMB56CA
56AA 56CA
8
47.80
53.20 58.80
1
77.0
7.9
1
0.101
X
TPSMB58A
TPSMB58CA
58AA 58CA
8
52.78
55.10 60.90
1
79.8
7.7
1
0.101
TPSMB62A
TPSMB62CA
62AA 62CA
8
53.00
58.90 65.10
1
85.0
7.2
1
0.102
X
TPSMB68A
TPSMB68CA
68AA 68CA
8
58.10
64.60
71.40
1
92.0
6.6
1
0.103
X
TPSMB75A
TPSMB75CA
75AA 75CA
8
64.10
71.30
78.80
1
103.0
5.9
1
0.104
X
TPSMB82A
TPSMB82CA
82AA 82CA
8
70.10
77.90
86.10
1
113.0
5.4
1
0.105
X
TPSMB91A
TPSMB91CA
91AA 91CA
8
77.80
86.50 95.50
1
125.0
4.9
1
0.106
X
TPSMB100A
TPSMB100CA
100A
100C
8
85.50
95.00 105.00
1
137.0
4.5
1
0.106
X
TPSMB110A
TPSMB110CA
110A
110C
8
94.00
105.00 116.00
1
152.0
4.0
1
0.107
X
TPSMB120A
TPSMB120CA
120A
120C
8
102.00
114.00 126.00
1
165.0
3.7
1
0.107
X
TPSMB130A
TPSMB130CA
130A
130C
8
111.00
124.00 137.00
1
179.0
3.4
1
0.107
X
TPSMB150A
TPSMB150CA
150A
150C
8
128.00
143.00 158.00
1
207.0
2.9
1
0.108
X
TPSMB160A
TPSMB160CA
160A
160C
8
136.00
152.00 168.00
1
219.0
2.8
1
0.108
X
TPSMB170A
TPSMB170CA
170A
170C
8
145.00
162.00 179.00
1
234.0
2.6
1
0.108
X
TPSMB180A
TPSMB180CA
180A
180C
8
154.00
171.00 189.00
1
246.0
2.5
1
0.108
X
TPSMB200A
TPSMB200CA
200A 200C
8
171.00
190.00 210.00
1
274.0
2.2
1
0.108
X
TPSMB210A
TPSMB210CA
210A
210C
8
179.60
199.50 220.50
1
288.0
2.1
1
0.110
TPSMB220A
TPSMB220CA
220A
220C
8
185.00
209.00 231.00
1
328.0
1.9
1
0.110
X
TPSMB250A
TPSMB250CA
250A
250C
8
214.00
237.00 263.00
1
344.0
1.8
1
0.110
X
TPSMB300A-A TPSMB300CA-A 300A 300C
8
256.00 285.00 315.00
1
414.0
1.5
1
0.110
X
TPSMB350A-A TPSMB350CA-A 350A
350C
8
300.00 332.00 368.00
1
482.0
1.3
1
0.112
TPSMB400A-A TPSMB400CA-A 400A 400C
8
342.00 380.00 420.00
1
548.0
1.1
1
0.112
TPSMB440A-A TPSMB440CA-A 440A
440C
8
376.00
418.00 462.00
1
602.0
1.0
1
0.112
TPSMB480A-A TPSMB480CA-A 480A
480C
8
408.00 456.00 504.00
1
658.0
0.9
1
0.112
TPSMB510A-A TPSMB510CA-A 510A
510C
8
434.00 485.00 535.00
1
698.0
0.9
1
0.112
TPSMB530A-A TPSMB530CA-A 530A
530C
8
451.00
503.50 556.50
1
725.0
0.8
1
0.112
TPSMB540A-A TPSMB540CA-A 540A
540C
8
460.00
513.00 567.00
1
740.0
0.8
1
0.112
TPSMB550A-A TPSMB550CA-A 550A
550C
8
468.00 522.50 577.50
1
760.0
0.8
1
0.112



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com