Electronic Components Datasheet Search
  English  ▼

X  

TPSMB Datasheet(PDF) 1 Page - Littelfuse

Part # TPSMB
Description  The TPSMB series is designed specifically to protect
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TPSMB Datasheet(HTML) 1 Page - Littelfuse

  TPSMB Datasheet HTML 1Page - Littelfuse TPSMB Datasheet HTML 2Page - Littelfuse TPSMB Datasheet HTML 3Page - Littelfuse TPSMB Datasheet HTML 4Page - Littelfuse TPSMB Datasheet HTML 5Page - Littelfuse TPSMB Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TVS Diodes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/06/17
Surface Mount – 600W > TPSMB series
Agency Approvals
TPSMB Series
Description
The TPSMB series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Features
• High reliability application
and automotive grade AEC
Q101 qualified
• Surface mount component
to optimize board space
• Low profile package
• Typical failure mode is
short from over-specified
voltage or current
• Whisker test is conducted
based on JEDEC
JESD201A per its table 4a
and 4c
• IEC-61000-4-2 ESD
30kV(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2
30kV(Air), 30kV (Contact)
• EFT protection of data
lines in accordance with
IEC 61000-4-4
• Glass passivated chip
junction
• 600W peak pulse power
capability at 10/1000μs
waveform, repetition rate
(duty cycles):0.01%
• Fast response time:
typically less than 1.0ns
from 0V to V
BR min
• Excellent clamping
capability
• Low incremental surge
resistance
• Typical I
R ≤ 1µA for
V
R>10.2V
• UL Recognized compound
meeting flammability
rating V-0
• Meet MSL level1,
per J-STD-020, High
temperature soldering
guaranteed: 260°C/10
seconds at terminals
• Matte tin lead–free plated
• Halogen free and RoHS
compliant
• Pb-free E3 means 2nd
level interconnect is Pb-
free and the terminal finish
material is tin(Sn) (IPC/
JEDEC J-STD-609A.01)
Applications
TVS components are ideal for the protection of I/O
Interfaces, V
CC bus and other vulnerable circuits used in
Automotive applications.
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation by
10/1000µs waveform
(Fig.1)(Note 1), (Note 2)
P
PPM
600
W
Power Dissipation on infinite heat
sink at T
L=50
O
C
P
M(AV)
5.0
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave (Note 3)
I
FSM
100
A
Maximum Instantaneous Forward
Voltage at 50A for Unidirectional
only
V
F
3.5
V
Operating Junction Temperature
Range (V
BR≤ 91V)
T
J
-65 to 175
°C
Operating Junction Temperature
Range (V
BR > 91V)
T
J
-65 to 150
Storage Temperature Range
T
STG
-65 to 175
Typical Thermal Resistance Junction
to Lead
R
θJL
20
°C/W
Typical Thermal Resistance Junction
to Ambient
R
θJA
100
°C/W
Notes:
1. Non-repetitive current pulse, per Fig.4 and derated above T
A=25ºC per Fig. 3.
2. Mounted on copper pad area of 0.2x0.2” (5.0 x 5.0mm) to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
component only,duty cycle=4 per minute maximum.
4. VF < 3.5V for part number below 300A, VF < 5.0V for part number with 300A or above.
AGENCY
AGENCY FILE NUMBER
E230531
Uni-directional
Bi-directional
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
RoHS
Pb e3


Similar Part No. - TPSMB

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
TPSMB ANOVA-TPSMB Datasheet
294Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMB LUGUANG-TPSMB Datasheet
835Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TPSMB UNSEMI-TPSMB Datasheet
2Mb / 6P
13 To 200V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Vishay Siliconix
TPSMB10 VISHAY-TPSMB10 Datasheet
102Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
10-May-07
TPSMB10 VISHAY-TPSMB10 Datasheet
104Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
More results

Similar Description - TPSMB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5.0SMDJ12A LITTELFUSE-5.0SMDJ12A_12 Datasheet
1Mb / 5P
The 5.0SMDJ series is designed specifically to protect sensitive electronic
logo
DONGGUAN YOU FENG WEI E...
SMCJ5.0A-CA YFWDIODE-SMCJ5.0A-CA Datasheet
733Kb / 4P
The SMCJ series is designed specilically to protect
SMBJ5.0A-SMBJ440A YFWDIODE-SMBJ5.0A-SMBJ440A Datasheet
1Mb / 5P
The SMBJ series is designed specifically to protect
logo
Littelfuse
SMAJ LITTELFUSE-SMAJ Datasheet
991Kb / 6P
The SMAJ series is designed specifically to protect
SMAJ-E LITTELFUSE-SMAJ-E Datasheet
1Mb / 5P
The SMAJ-E series is designed specifically to protect
SMBJ-E LITTELFUSE-SMBJ-E Datasheet
1Mb / 5P
The SMBJ-E series is designed specifically to protect
logo
SHIKUES Electronics
SMDJ5.0AG SKTECHNOLGY-SMDJ5.0AG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
SMDJ5.0CAG SKTECHNOLGY-SMDJ5.0CAG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
logo
Guangdong Youtai Semico...
LESD8D7.0CAT5G UMW-LESD8D7.0CAT5G Datasheet
367Kb / 4P
The LESD8D7.0CA is designed to protect
LESD8LH5.0CT5G UMW-LESD8LH5.0CT5G Datasheet
456Kb / 4P
The LESD8LH5.0CT5G is designed to protect
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com