Electronic Components Datasheet Search
  English  ▼

X  

TPSMB Datasheet(PDF) 4 Page - Littelfuse

Part # TPSMB
Description  The TPSMB series is designed specifically to protect
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TPSMB Datasheet(HTML) 4 Page - Littelfuse

  TPSMB Datasheet HTML 1Page - Littelfuse TPSMB Datasheet HTML 2Page - Littelfuse TPSMB Datasheet HTML 3Page - Littelfuse TPSMB Datasheet HTML 4Page - Littelfuse TPSMB Datasheet HTML 5Page - Littelfuse TPSMB Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TVS Diodes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/06/17
Surface Mount – 600W > TPSMB series
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
1
10
100
1000
10000
1
10
100
Tj=25C
f=1.0MHz
Vsig=50mVp-p
V
BR - Reverse Breakdown Voltage (V)
1000
Uni-directional @VR
Uni-directional V=0V
Bi-directional @VR
Bi-directional V=0V
Figure 3 - Peak Pulse Power Derating Curve
Figure 4 - Pulse Waveform
Figure 5 - Typical Junction Capacitance
0
20
40
60
80
100
120
110
100
Number of half-cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only
0
20
40
60
80
100
0255075
100
125
150
175
T
J - Initial Junction Temperature
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted) (Continued)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com