Electronic Components Datasheet Search
  English  ▼

X  

KP253 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # KP253
Description  Digital Absolute Pressure Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP253 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button KP253 Datasheet HTML 6Page - Infineon Technologies AG KP253 Datasheet HTML 7Page - Infineon Technologies AG KP253 Datasheet HTML 8Page - Infineon Technologies AG KP253 Datasheet HTML 9Page - Infineon Technologies AG KP253 Datasheet HTML 10Page - Infineon Technologies AG KP253 Datasheet HTML 11Page - Infineon Technologies AG KP253 Datasheet HTML 12Page - Infineon Technologies AG KP253 Datasheet HTML 13Page - Infineon Technologies AG KP253 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
10
Revision 1.1, 2015-07-29
KP253
Digital Absolute Pressure Sensor
Functional Description
2.6
Power-Down Mode
The KP253 has a special power saving feature called the Power-down mode. The sensor will enter a sleep
mode where the power consumption is drastically reduced.
2.6.1
Entering Power-Down Mode
To enter the Power-down mode, the Trigger power-down command has to be sent to the sensor via the SPI
interface. The sensor will enter the Power-down mode within some μs.
2.6.2
Exiting Power-Down Mode
To wake-up the sensor from the Power-down mode the NCS pin needs to be low during the rising edge of the
CLK pin. To allow repowering of the sensor, the user needs to wait the time tstart-up before sending the first SPI
command (e.g. Acquire pressure command). The response of the sensor during this first command must be
ignored.
With the next SPI command the pressure value from the previous acquire command will be returned.
2.7
Serial Interface
The communication and data transmission is based on a standard 16 bit serial peripheral interface (SPI).
Figure 6
SPI timing
2.7.1
Commands
The following Commands are defined:
•Acquire identifier
• Acquire pressure (incl. E2PROM check and last updated Diag1 & Diag2)1)
• Acquire temperature (incl. E2PROM check and last updated Diag1 & Diag2)1)
• Trigger power-down mode (activates the power-down state)
• Trigger diagnosis (triggers Diag1 and Diag2)
• Trigger test mode (entry into test mode only occurs if this is the first command received after power up, in
conjunction with a high voltage level (>10V) on pin VPROG)
1) Last updated diagnosis information is only available if the Trigger diagnosis command was sent at any time before and the
diagnostic reset is not active (Reset-bit C12 = ‘1‘, see Chapter 2.9.1).
NCS
SCLK
SDO
SDI
tsclch thclcl
tclh
tcll
MSB
tpcld
MSB
tscld
thcld
LSB
LSB
tonncs
tsclcl thclch
tpchdz
tcsdv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com