| Electronic Components Datasheet Search |
|
KP253 Datasheet(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
KP253 Datasheet(HTML) 13 Page - Infineon Technologies AG |
|
13 / 29 page ![]() Data Sheet 13 Revision 1.1, 2015-07-29 KP253 Digital Absolute Pressure Sensor Functional Description Figure 14 Acquire identifier command Note: The Reset-bit (C12) determines how the diagnostic reset is handled. For details about the function of the Reset-bit refer to Chapter 2.9.1. The “trigger test mode” command is only for information. The test mode is only for calibration and E2PROM programming. Both are already done during the supplier’s back-end assembly. The information should serve to avoid command for unintentional test mode operation. Note: Additional safeguards are provided to prevent unintentional test mode operation. For test mode operation, the command must be the first command after power-up in combination with a high voltage level at pin VPROG. Figure 15 Trigger test mode command 2.7.1.5 Communication Error In normal operation only the pressure, temperature, diagnosis and identifier commands are valid. Every abnormality of these commands (e.g. unused command, other value of unused bits, number of clocks not equal to 16n with n = 1, 2, 3...) will result in a communication error. The response to a detected communication error is given below. Figure 16 Response after a communication error 2.7.1.6 Identifier Response Definition The response to an Acquire identifier command is a fixed value as stated below. With this response, the KP253 sensor can be indentified when operated in a bus system with several different parts. Figure 17 Identifier response definition 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 1 11 X 0 0 00 00 00 00 0 0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 00 0 1 1 00 00 00 00 0 0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 00 0 0 0 00 00 00 00 0 1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 10 1 0 0 01 00 11 01 1 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |