Electronic Components Datasheet Search
  English  ▼

X  

SP30T Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SP30T
Description  High pressure range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30T Datasheet(HTML) 4 Page - Infineon Technologies AG

  SP30T Datasheet HTML 1Page - Infineon Technologies AG SP30T Datasheet HTML 2Page - Infineon Technologies AG SP30T Datasheet HTML 3Page - Infineon Technologies AG SP30T Datasheet HTML 4Page - Infineon Technologies AG SP30T Datasheet HTML 5Page - Infineon Technologies AG SP30T Datasheet HTML 6Page - Infineon Technologies AG SP30T Datasheet HTML 7Page - Infineon Technologies AG SP30T Datasheet HTML 8Page - Infineon Technologies AG SP30T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Final Datasheet V1.0
SensoNor
TPM Sensor SP30T
TS
Rev.
Page
of
1378
2
4
13
1 Product Description
1.1
Overview
The SP30T Tire Pressure Monitoring (TPM) Sensor represents Infineon’s high pressure range TPM sensor for SUV
and Truck application. The SP30T combines a high pressure range with a high level of integration by including a
microcontroller and LF-input stage to meet market demands for flexible, customer specific solutions and overall
system cost reduction.
The sensor design is based upon Infineon’s proprietary and patented solutions for high reliability measurements in
harsh automotive environments, with a predictable and stable quality in high volume applications.
The SP30T measures pressures up to 1600kPa, temperature, supply voltage and acceleration (optional), and by
integrating these functions with an ASIC in one package, Infineon has developed the ideal product for high pressure
TPM applications.
1.2
Features
•
Integrated Sensors
o
High pressure range
o
Acceleration
o
Temperature
o
Voltage
•
Integrated Peripherals
o
Microcontroller
o
On board EEPROM
o
GPIOs
o
ADC for signal conditioning
o
2x LF Receiver for triggering
•
Measurement Ranges
o
Pressure Sensor 100 to 1600 kPa
o
Temperature Sensor -40 to +125°C
o
Supply Voltage Sensor 2.1 to 3.6 V
o
Acceleration Sensor -12 to 115 g
1.3
Ordering Information
Product Name
Product Type
Ordering Code
Package
SP30T-00E00-06B
Tire Pressure Monitoring Sensor
SP000411794
P-DSOSP-14-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com