Electronic Components Datasheet Search
  English  ▼

X  

SP30T Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SP30T
Description  High pressure range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30T Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SP30T Datasheet HTML 5Page - Infineon Technologies AG SP30T Datasheet HTML 6Page - Infineon Technologies AG SP30T Datasheet HTML 7Page - Infineon Technologies AG SP30T Datasheet HTML 8Page - Infineon Technologies AG SP30T Datasheet HTML 9Page - Infineon Technologies AG SP30T Datasheet HTML 10Page - Infineon Technologies AG SP30T Datasheet HTML 11Page - Infineon Technologies AG SP30T Datasheet HTML 12Page - Infineon Technologies AG SP30T Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Final Datasheet V1.0
SensoNor
TPM Sensor SP30T
TS
Rev.
Page
of
1378
2
9
13
Table 12 LF Carrier Detection
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
Carrier frequency
121.25
125
128.75
kHz
-40 to 125
2.1 to 3.6
4
mVp-p
0 to 90
2.1 to 3.6
3.5
mVp-p
90 to 125
2.1 to 3.6
3.5
mVp-p
-40 to 0
2.1 to 3.0
Maximum sensitivity not to
detect, 2 amplifiers
enabled
2.9
mVp-p
-40 to 0
3.0 to 3.6
10
mVp-p
0 to 90
2.1 to 3.6
12.2
mVp-p
90 to 125
2.1 to 3.6
Minimum sensitivity to
detect, 2 amplifiers
enabled
12.2
mVp-p
-40 to 0
2.1 to 3.6
0.8
mVp-p
-40
3.6
0.25
mVp-p
-40
2.1 to 3.0
Maximum sensitivity not to
detect, 3 amplifiers
enabled
0.25
mVp-p
0 to 125
2.1 to 3.6
Minimum sensitivity to
detect, 3 amplifiers
enabled
2.5
mVp-p
-40 to 125
2.1 to 3.6
2.7
Power-on Reset
Table 13 Power-on reset level
SPECIFICATION
PARAMETER
Min
Typ
Max
Unit
COMMENTS
Power-on reset level, VTHR
1.8
1.85
1.9
V
2.8
Digital I/O
Table 14 Digital I/O specifications
SPECIFICATION
PARAMETER
Min
Typ
Max
Unit
COMMENTS
Digital output high
VDD-0.3
V
At 1 mA load current
Digital output low
0.3
V
At 1 mA load current
Digital input high
0.8
⋅VDD
V
Digital input low
0.2
⋅VDD
V
Input current
±1
µA
3 Operating Range
Table 15 Operating range
SPECIFICATION
PARAMETER
Min
Typ
Max
Unit
COMMENTS
Supply voltage
VTHR
3.6
V
Unless otherwise specified
Ambient temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com