Electronic Components Datasheet Search
  English  ▼

X  

SP30T Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SP30T
Description  High pressure range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30T Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SP30T Datasheet HTML 3Page - Infineon Technologies AG SP30T Datasheet HTML 4Page - Infineon Technologies AG SP30T Datasheet HTML 5Page - Infineon Technologies AG SP30T Datasheet HTML 6Page - Infineon Technologies AG SP30T Datasheet HTML 7Page - Infineon Technologies AG SP30T Datasheet HTML 8Page - Infineon Technologies AG SP30T Datasheet HTML 9Page - Infineon Technologies AG SP30T Datasheet HTML 10Page - Infineon Technologies AG SP30T Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Final Datasheet V1.0
SensoNor
TPM Sensor SP30T
TS
Rev.
Page
of
1378
2
7
13
2.2
Current Consumption
Table 5 Current consumption
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min Typ
Max
Unit
Temp [°C]
VDD [V]
COMMENTS
Power down current
0.4
0.6
µA
25
3.0
Power down current
13
20
µA
125
3.0
IDLE current
30
50
µA
25
3.0
IDLE current
50
75
µA
125
3.0
RUN current
0.53
0.8
mA
25
3.0
RUN current
0.65
1.0
mA
125
3.0
Pressure measurement
4
12
µAs
-40 to 125
2.1 to 3.6
11 bit A/D conversion,
excl. temperature meas
Acceleration measurement
6
16
µAs
-40 to 125
2.1 to 3.6
12 bit A/D conversion,
excl. temperature meas
Temperature measurement
0.9
2.5
µAs
-40 to 125
2.1 to 3.6
10 bit A/D conversion
Supply voltage measurement
0.3
2.5
µAs
-40 to 125
2.1 to 3.6
9 bit A/D conversion
Peak current
1.6
2.5
mA
25
3.0
Pressure measurement
and 1 LF channel on,
duration is 1280µs for
11 bit measurement for
the peak current only.
1 channel LF current
2.6
4.6
µA
25
3.0
1 channel LF current
3.0
6.7
µA
125
3.0
2 channel LF current
4.5
5.5
µA
25
3.0
2
nd LF channel is
optional
2 channel LF current
6.5
11
µA
125
3.0
2
nd LF channel is
optional
Thermal shutdown current
18
25
µA
125
3.0
Thermal shutdown current
30
50
µA
150
3.0
2.3
Tmax
ϑSHTD represents the temperature at which the Thermal Shut-down function can be enabled and ϑREL represents the
temperature at which the Master Reset state is released. The
ϑSHTD is always higher than ϑREL.
Table 6 Trigger temperatures for thermal shutdown
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
ϑSHTD
102
123
°C
-40 to 175
2.1 to 3.6
Thermal shutdown enable
ϑREL
100
121
°C
-40 to 175
2.1 to 3.6
Master Reset release
2.4
Vmin
The voltage at which the Vmin-circuit will return a low battery voltage status is specified in Table :
Table 7 Vmin specifications
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
Vmin
2.0
2.1
2.2
V
-40 to 125
VTHR to 3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com