Electronic Components Datasheet Search
  English  ▼

X  

AP15P10GI Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP15P10GI
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP15P10GI Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP15P10GI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 4Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 5Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP15P10GI
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4
Q
VG
-10V
QGS
QGD
QG
Charge
0.01
0.1
1
10
100
1
10
100
1000
-V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
DC
T C =25
o C
Single Pulse
0
2
4
6
8
10
12
0
1020304050
Q G , Total Gate Charge (nC)
I D = -6A
V DS = -80V
10
100
1000
10000
1
5
9
131721
2529
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
2
4
6
8
10
02468
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS = -10V
T j = -55
o C
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
Operation in this
area limited by
RDS(ON)
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com