Electronic Components Datasheet Search
  English  ▼

X  

AP15P10GI Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP15P10GI
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP15P10GI Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP15P10GI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 4Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 5Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP15P10GI
Fig 13. Normalized BVDSS v.s. Junction
Fig 14. Total Power Dissipation
Temperature
Fig 15. Typ. Drain-Source on State
Fig 16. Drain Current v.s. Case Temperature
Resistance
5
0
10
20
30
40
0
50
100
150
T C , Case Temperature(
o C)
0
0.4
0.8
1.2
1.6
2
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -1mA
0
200
400
600
800
04
8
12
16
20
-I D , Drain Current (A)
T j =25
o C
V GS = -10V
0
2
4
6
8
10
25
50
75
100
125
150
T C , Case Temperature (
o C )
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com