Electronic Components Datasheet Search
  English  ▼

X  

AP15P10GI Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP15P10GI
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP15P10GI Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP15P10GI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 4Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 5Page - Advanced Power Electronics Corp. AP15P10GI Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP15P10GI
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low Gate Charge
BVDSS
-100V
▼ Simple Drive Requirement
RDS(ON)
230mΩ
▼ Fast Switching Characteristic
ID
3
-8.3A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
3.8
℃
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
65
℃
/W
Data and specifications subject to change without notice
Thermal Data
Parameter
201604201
1
+20
-8.3
Halogen-Free Product
Rating
-100
-55 to 150
Drain Current, VGS @ 10V
3
-5.3
Pulsed Drain Current
1
-36
Total Power Dissipation
1.92
32.8
-55 to 150
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
Parameter
Drain-Source Voltage
Gate-Source Voltage
Drain Current, VGS @ 10V
3
G
D
S
AP15P10 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-220CFM package is widely preferred for all commercial-
industrial through hole applications. The mold compound provides
a high isolation voltage capability and low thermal resistance
between the tab and the external heat-sink.
G
D
S
TO-220CFM(I)
.


Similar Part No. - AP15P10GI

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP15P10GH A-POWER-AP15P10GH Datasheet
72Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP15P10GH VBSEMI-AP15P10GH Datasheet
1Mb / 9P
P-Channel 100 V (D-S) MOSFET
logo
Advanced Power Electron...
AP15P10GH-HF A-POWER-AP15P10GH-HF Datasheet
106Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP15P10GH-HF A-POWER-AP15P10GH-HF Datasheet
105Kb / 5P
Fast Switching Characteristic
AP15P10GH-HF A-POWER-AP15P10GH-HF_14 Datasheet
106Kb / 4P
Simple Drive Requirement
More results

Similar Description - AP15P10GI

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com