Electronic Components Datasheet Search
  English  ▼

X  

CMMM Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMMM
Description  2:1 Input Voltage Ranges 18~30 Watt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMM Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMMM Datasheet HTML 1Page - Wall Industries,Inc. CMMM Datasheet HTML 2Page - Wall Industries,Inc. CMMM Datasheet HTML 3Page - Wall Industries,Inc. CMMM Datasheet HTML 4Page - Wall Industries,Inc. CMMM Datasheet HTML 5Page - Wall Industries,Inc. CMMM Datasheet HTML 6Page - Wall Industries,Inc. CMMM Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMM Series
2:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
FEATURES
● Soft Start
● Output Trim
● Single Output
● 1500VDC Isolation
● Efficiency up to 89%
● Remote On/Off Control
● CSA60950-1 Safety Approval
● 2:1 Wide Input Voltage Range
● Complies with EN55022 Class A
● Call Factory for More Output Power Options
● Short Circuit, Over Voltage, and Over Temperature Protected
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
DESCRIPTION
The CMMM series of chassis mount DC/DC converters offer up to 30 watts of output power. These converters operate over input voltage
ranges of 9-18VDC, 18-36VDC, and 36-75VDC. This series also provides regulated single output voltages of 3.3, 5, 12, and 15VDC. Other
features include remote on/off control, output trim function, and efficiencies up to 89%. All models are over voltage, over temperature and
short circuit protected. The EN55022 Class A conducted noise compliance minimizes design time, cost, and eliminates the need for
external filter components. These converters are best suited for data communication equipment, mobile battery driven equipment,
distributed power systems, telecommunications equipment, mixed analog/digital subsystems, process/machine control equipment,
computer peripheral systems, and industrial robot systems. Chassis mounts come in open frame, U channel, and enclosed types.
SPECIFICATIONS: CMMM Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Input Voltage Range
12V nominal input models
9
12
18
VDC
24V nominal input models
18
24
36
VDC
48V nominal input models
36
48
75
VDC
Start Voltage
12V nominal input models
8.6
8.8
9
VDC
24V nominal input models
17
17.5
18
VDC
48V nominal input models
34
35
36
VDC
Under Voltage Shutdown
12V nominal input models
8.1
8.3
8.5
VDC
24V nominal input models
16
16.5
17
VDC
48V nominal input models
32
33
34
VDC
Reverse Polarity Input Current
All models
2
A
Short Circuit Input Power
4500
mW
Input Surge Voltage
12V nominal input models
-0.7
25
VDC
24V nominal input models
-0.7
50
VDC
48V nominal input models
-0.7
100
VDC
OUTPUT (Vo)
Output Voltage
See Table
Output Voltage Accuracy
±0.5
±1.0
%
Output Trim
±10
%
Load Regulation
Io = 10% to 100%
±0.1
±0.5
%
Line Regulation
Vin = min. to max.
±0.1
±0.3
%
Output Power
30
W
Output Current Range
See Table
Ripple & Noise (20MHz)
55
80
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Over Load, and Over Temperature
100
mVpk-pk
Ripple & Noise (20MHz)
10
mVrms
Transient Recovery Time
25% load step change
150
300
μs
Transient Response Deviation
±2
±4
%
REMOTE ON/OFF
Supply On
2.5 to 100VDC or Open Circuit
Supply Off
-1
1
VDC
Standby Input Current
2
5
mA
Control Input Current (On)
Vin – RC = 5.0V
5
μA
Control Input Current (Off)
Vin – RC = 0V
-100
μA
Control Common
Referenced to negative input
PROTECTION
Over Power Protection
110
160
%
Short Circuit Protection
Continuous
Over Voltage Protection
See Table
Over Temperature Protection
Case Temperature, automatic
107
112
117
°C


Similar Part No. - CMMM

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMMMW WALL-CMMMW Datasheet
268Kb / 8P
4:1 Input Voltage Ranges 18~30 Watt
CMMMW24S12-2500 WALL-CMMMW24S12-2500 Datasheet
268Kb / 8P
4:1 Input Voltage Ranges 18~30 Watt
CMMMW24S15-2000 WALL-CMMMW24S15-2000 Datasheet
268Kb / 8P
4:1 Input Voltage Ranges 18~30 Watt
CMMMW24S3.3-5500 WALL-CMMMW24S3.3-5500 Datasheet
268Kb / 8P
4:1 Input Voltage Ranges 18~30 Watt
CMMMW24S5-5000 WALL-CMMMW24S5-5000 Datasheet
268Kb / 8P
4:1 Input Voltage Ranges 18~30 Watt
More results

Similar Description - CMMM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
2 1 and 3 1 Wide Input Voltage Ranges
RS3 RECOM-RS3 Datasheet
123Kb / 3P
2:1 and 3:1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
CMMMW WALL-CMMMW Datasheet
268Kb / 8P
4:1 Input Voltage Ranges 18~30 Watt
DC100 WALL-DC100 Datasheet
655Kb / 8P
2:1 Wide Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
2:1 Input Voltage Ranges
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
2:1 Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
2:1 Wide Input Voltage Ranges
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com