Electronic Components Datasheet Search
  English  ▼

X  

CMMM Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # CMMM
Description  2:1 Input Voltage Ranges 18~30 Watt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMM Datasheet(HTML) 5 Page - Wall Industries,Inc.

  CMMM Datasheet HTML 1Page - Wall Industries,Inc. CMMM Datasheet HTML 2Page - Wall Industries,Inc. CMMM Datasheet HTML 3Page - Wall Industries,Inc. CMMM Datasheet HTML 4Page - Wall Industries,Inc. CMMM Datasheet HTML 5Page - Wall Industries,Inc. CMMM Datasheet HTML 6Page - Wall Industries,Inc. CMMM Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMM Series
2:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and turns the module off
during a logic low. To turn the power module on and off, the user must supply a switch to control the voltage between the
on/off terminal and the -Vin terminal. The switch can be an open collector or equivalent.
A logic low is -1V to 1.0V.
A logic high is 2.5V to 100V.
The maximum sink current at the on/off terminal (pin 4) during a logic low is -
100μA. The maximum allowable leakage
current of the switch at the on/off terminal (pin 4) during a logic high (2.5 to 100V) is 5μA.
Output Voltage Trim
Output voltage trim allows the user to increase or decrease the output voltage set point of a module. The output voltage can
be adjusted by placing an external resistor (R) between the Trim and +Vout or –Vout terminals. By adjusting R, the output
voltage can be changed by ±10% of the nominal output voltage.
+Out
-Out
+Vin
-Vin
Trim Up
Enable
Trim
Trim Down
10K
Trim
Up/Down
A 10K, 1 or 10 turn trimpot is usually specified for continuous trimming. Trim pin may be safely left floating if it is not being
used. Connecting the external resistor (Rup) between the Trim and –Vout pins increases the output voltage to set the point as
defined in the following equation:
Rup =
(33 x Vout) - (30 x Vadj)
Vadj - Vout
Connecting the external resistor (Rdown) between the Trim and +Vout pins decreases the output voltage set point as defined
in the following equation:
Rdown =
(36.667 x Vadj) - (33 x Vout)
Vout - Vadj
Vout:
Nominal Output Voltage
Vadj:
Adjusted Output Voltage
Units
VDC / K
Ω
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can
endure current limiting for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to
current control. The unit operates normally once the output current is brought back into its specified range.
Over Voltage Protection
The output over voltage clamp consists of control circuitry that is dependent on the primary regulation loop that monitors the
voltage on the output terminals. The control loop of the clamp has a higher voltage set point than the primary loop. This
provides a redundant voltage control that reduces the risk of an output over voltage. The OVP level can be found in the
protection specifications.
Input Source Impedance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com