Electronic Components Datasheet Search
  English  ▼

X  

CMMM Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMMM
Description  2:1 Input Voltage Ranges 18~30 Watt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMM Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMMM Datasheet HTML 1Page - Wall Industries,Inc. CMMM Datasheet HTML 2Page - Wall Industries,Inc. CMMM Datasheet HTML 3Page - Wall Industries,Inc. CMMM Datasheet HTML 4Page - Wall Industries,Inc. CMMM Datasheet HTML 5Page - Wall Industries,Inc. CMMM Datasheet HTML 6Page - Wall Industries,Inc. CMMM Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMM Series
2:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
GENERAL
Efficiency
See Table
Switching Frequency
290
330
360
KHz
Isolation Voltage Rated
60 seconds
1500
VDC
Isolation Voltage Test
Flash Test for 1 second
1650
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
1200
1500
pF
Internal Power Dissipation
5,500
mW
ENVIRONMENTAL
Operating Temperature (Ambient)
-40
+50
°C
Operating Temperature (Case)
-40
+105
°C
Storage Temperature
-50
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
RFI
Six-sided shielding, metal case
Temperature Coefficient
±0.01
±0.02
%/°C
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
1000
Khours
Conducted EMI
EN55022 Class A
PHYSICAL
Weight
Approximately 7oz
Dimensions (L x W x H)
4.00 x 2.25 x 0.81 inches
Case Material of DC/DC converter
Metal with non-conductive baseplate
Flammability
UL94V-0
MODEL SELECTION TABLE
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Reflected
Ripple Current
Efficiency
(Typ)
Over Voltage
Protection
Maximum
Capacitive Load
Min
Max
No Load
Max Load
CMMM12S3.3-5500
12 VDC
(9 ~ 18 VDC)
3.3 VDC
400 mA
5500 mA
40 mA
1867 mA
100 mA
81%
3.9 VDC
470 μF
CMMM12S5-5000
5 VDC
350 mA
5000 mA
2480 mA
84%
6.8 VDC
470 μF
CMMM12S12-2500
12 VDC
166 mA
2500 mA
2841 mA
88%
15 VDC
470 μF
CMMM12S15-2000
15 VDC
133 mA
2000 mA
2841 mA
88%
18 VDC
470 μF
CMMM24S3.3-5500
24 VDC
(18 ~ 36 VDC)
3.3 VDC
300 mA
5500 mA
20 mA
922 mA
50 mA
82%
3.9 VDC
470 μF
CMMM24S5-5000
5 VDC
300 mA
5000 mA
1225 mA
85%
6.8 VDC
470 μF
CMMM24S12-2500
12 VDC
300 mA
2500 mA
1404 mA
89%
15 VDC
470 μF
CMMM24S15-2000
15 VDC
125 mA
2000 mA
1404 mA
89%
18 VDC
470 μF
CMMM48S3.3-5500
48 VDC
(36 ~ 75 VDC)
3.3 VDC
300 mA
5500 mA
10 mA
461 mA
25 mA
82%
3.9 VDC
470 μF
CMMM48S5-5000
5 VDC
300 mA
5000 mA
613 mA
85%
6.8 VDC
470 μF
CMMM48S12-2500
12 VDC
300 mA
2500 mA
702 mA
89%
15 VDC
470 μF
CMMM48S15-2000
15 VDC
125 mA
2000 mA
702 mA
89%
18 VDC
470 μF
NOTES
1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
2. The CMMM series requires a minimum output loading to maintain specified regulations. Operation under no-load
conditions will not damage these devices, however they may not meet all listed specifications.
3. Other input and output voltages may be available, please contact factory.
4. Heat-sink is optional, please consult factory for ordering details.
5. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com