Electronic Components Datasheet Search
  English  ▼

X  

LP3983S Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3983S
Description  300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3983S Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3983S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP3983S-06
May.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP3983S
Applications Information
L
ike any low-dropout regulator, the external
capacitors used with the LP3983S must be carefully
selected for regulator stability and performance.
Using a capacitor whose value is >1µF on the
LP3983S input and the amount of capacitance can
be increased without limit. The input capacitor must
be located a distance of not more than 0.5 inch from
the input pin of the IC and returned to a clean analog
ground. Any good quality ceramic or tantalum can be
used for this capacitor. The capacitor with larger
value and lower ESR (equivalent series resistance)
provides better PSRR and line-transient response.
The output capacitor must meet both requirements
for minimum amount of capacitance and ESR in all
LDOs application. The LP3983S is designed
specifically to work with low ESR ceramic output
capacitor
in
space-saving
and
performance
consideration. Using a ceramic capacitor whose
value is at least 1µF with ESR is > 25mΩ on the
LP3983S output ensures stability. The LP3983S still
works well with output capacitor of other types due to
the wide stable ESR range. Output capacitor of
larger capacitance can reduce noise and improve
load transient response, stability, and PSRR. The
output capacitor should be located not more than 0.5
inch from the VOUT pin of the LP3983S and returned
to a clean analog ground.
Start-up Function Enable Function
The
LP3983S
features
an
LDO
regulator
enable/disable function. To assure the LDO regulator
will switch on, the EN turn on control level must be
greater than 1.4 volts. The LDO regulator will go into
the shutdown mode when the voltage on the EN pin
falls below 0.4 volts. For to protecting the system, the
LP3983S have a quick-discharge function. If the
enable function is not needed in a specific
application, it may be tied to VIN to keep the LDO
regulator in a continuously on state.
Feedback Capacitor
For adjustable version, connecting a 22pF between
output pin and FB pin significantly reduces output
voltage ripple, it is critical that the capacitor
connection should be direct and PCB traces should
be as short as possible.
The output voltage of LDO could be set by the
formula below:
Vout=VFB ×(1+R1/R2)
Considering the practical application, we may add a
small capacitor with R1 in parallel which could be
22pF or 47pF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com