Electronic Components Datasheet Search
  English  ▼

X  

LP3983S Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3983S
Description  300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3983S Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3983S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP3983S-06
May.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 8
Preliminary Datasheet
LP3983S
Thermal Considerations
Thermal protection limits power dissipation in
LP3983S. When the operation junction temperature
exceeds 150°C, the OTP circuit starts the thermal
shutdown function turn the pass element off. The
pass element turns on again after the junction
temperature cools by 25°C. For continue operation,
do not exceed absolute maximum operation junction
temperature 125°C.
The power dissipation definition in device is:
PD = (VIN−VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the
thermal resistance of IC package, PCB layout, the
rate of surroundings airflow and temperature
difference between junction to ambient. The
maximum power dissipation can be calculated by
following formula:
PD(MAX) = ( TJ(MAX) − TA ) /θJA
Where TJ(MAX) is the maximum operation junction
temperature 125°C, TA is the ambient temperature
and the θJA is the junction to ambient thermal
resistance. For recommended operating conditions
specification of LP3983S, where TJ(MAX) is the
maximum junction temperature of the die (125°C)
and TA is the maximum ambient temperature. The
junction to ambient thermal resistance (θJA is layout
dependent) for SOT23-5 package is 195°C/W.
PD(MAX) = (125°C−25°C) /195 = 500mW
The maximum power dissipation depends on
operating ambient temperature for fixed TJ(MAX) and
thermal resistance θJA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com