Electronic Components Datasheet Search
  English  ▼

X  

LP3983S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3983S
Description  300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3983S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3983S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3983S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP3983S-06
May.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet
LP3983S
300mA,Ultra-low noise, Small Package
Ultra-Fast CMOS LDO Regulator
General Description
The LP3983S is designed for portable RF and wireless
applications with demanding performance and space
requirements. The LP3983S performance is optimized
for battery-powered systems to deliver ultra low noise
and low quiescent current. A noise bypass pin is
available for further reduction of output noise.
Regulator ground current increases only slightly in
dropout, further prolonging the battery life. The
LP3983S also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for
power applications, critical in hand-held wireless
devices. The LP3983S consumes less than 0.01µA in
shutdown mode and has fast turn-on time less than
50µs. The other features include ultra low dropout
voltage, high output accuracy, current limiting
protection, and high ripple rejection ratio. It is available
in SOT23-5 packages.
Order Information
LP3983S □ □ □ □
F: Pb-Free
Package Type
B5: SOT23-5
Output Type
A:Adjustable
Features
Ultra-Low-Noise for RF Application
2V- 6V Input Voltage Range
Low Dropout : 210mV @ 300mA
300mA Output Current, 550mA Peak Current
High PSRR: -70dB at 217Hz
< 0.1uA Standby Current When Shutdown
Available in SOT23-5 Package
Current Limiting and Thermal Shutdown
Protection
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
LCD
DSC Sensor
Wireless Card
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP3983S
LPS
1FYWX
SOT23-5
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch
GND
2
EN
3
VIN
1
OUT
5
ADJ
4
LP3983SAB5F
Chip Enable
2.2uF
Vin
2.2uF
R1
R2
Vout
22pF


Similar Part No. - LP3983S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3983 NSC-LP3983 Datasheet
166Kb / 10P
Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
logo
Lowpower Semiconductor ...
LP3983 POWER-LP3983 Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Texas Instruments
LP3983 TI2-LP3983 Datasheet
396Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
REVISED MARCH 2013
logo
Lowpower Semiconductor ...
LP3983-AB6F POWER-LP3983-AB6F Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
LP3983H POWER-LP3983H Datasheet
512Kb / 10P
Ultra-Low-Noise for RF Application
More results

Similar Description - LP3983S

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3982 POWER-LP3982 Datasheet
378Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com