Electronic Components Datasheet Search
  English  ▼

X  

LP6226 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6226
Description  High Efficiency Boost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6226 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6226 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP6226/A-04
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP6226/A
Functional Pin Description
Package Type
Pin Configurations
SOT23-6
1
2
3
4
5
6
Pin
Name
Description
1
SW
switching pin.
2
GND
Ground.
3
FB
Regulation Feedback Input. Connect to an external resistive voltage divider from the
output to FB to set the output voltage.
4
EN
Regulator ON/OFF Control Input. A logic high input(VEN>1.4V) turns on the regulator. A
logic low input(VEN<0.4V) puts the LP6226 into low current shutdown mode.
5
VIN
Power Supply pin.
6
NC
No Connecter.
Function Diagram
FB
EN
SHUTDOWN
CIRCUITRY
UVLO
SOFT
START
CONTROL
AND DRIVER
LOGIC
SLOPE
COMPENSASION
OSCILLATOR
OVP
VIN
SW
GND
OTP
SHORT
CIRCUIT
COMP.
Error
Amp.
PWM
COMP.
CURRENT
SENSE
AMP.
10μA
0.3V
0.6V/1.25V
Σ
+
+
+
+
-
-
-
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com