Electronic Components Datasheet Search
  English  ▼

X  

LP6226 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6226
Description  High Efficiency Boost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6226 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6226 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP6226/A-04
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP6226/A
Typical Operating Characteristics
Time (1us/Div)
Time (1us/Div)
Time (1us/Div)
Time (0.5us/Div)
Power On From EN
Efficiency VS Output Current
Time (500us/Div)
0
10
20
30
40
50
60
70
80
90
100
2
10
30
100 300 500 700 800 1000
IOUT(mA)
Vin=3.3v
Vin=3.5V
Vin=3.7V
Vin=4.2V
VIN=3.3V VOUT=5V
IOUT=100mA
VP-P
(10mV/Div)
VSW
(2V/Div)
VOUT
(2V/Div)
VOUT
(1V/Div)
VEN
(1V/Div)
VOUT=5V
L=4.7uH
COUT=10uF
VP-P
(10mV/Div)
VSW
(2V/Div)
VOUT
(2V/Div)
VP-P
(10mV/Div)
VSW
(2V/Div)
VOUT
(2V/Div)
VP-P
(10mV/Div)
VSW
(2V/Div)
VOUT
(2V/Div)
VIN=3.3V VOUT=5V
IOUT=500mA
VIN=3.3V VOUT=5V
IOUT=50mA
VIN=3.3V VOUT=5V
IOUT=10mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com