Electronic Components Datasheet Search
  English  ▼

X  

LP6226 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6226
Description  High Efficiency Boost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6226 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6226 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6226 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP6226/A-04
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP6226/A
Absolute Maximum Ratings
Note 1
Input to GND ------------------------------------------------------------------------------------------------------ -03V to 6V
SW Voltage to GND ----------------------------------------------------------------------------------------------------- 30V
Other Pin Voltage to GND ----------------------------------------------------------------------------------------------- 6V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150°C
Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (PD,TA=25°C) ------------------------------------------------------------------- 0.45W
Thermal Resistance (JA) ----------------------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VIN =3.3V, VOUT=5V, CIN=10uF, COUT=22uF, L1=4.7uH, R1=110K, R2=15K)
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage
2.5
5.5
V
Output Voltage Range
2.5
28
V
Supply Current(Shutdown)
VEN= 0V,VSW=5V
0.05
1
uA
Supply Current
VFB=0.7V
60
uA
Feedback Voltage
LP6226B6F
0.6
V
LP6226AB6F
1.25
V
Feedback Input Current
VFB=0.7V
50
nA
Switching Frequency
1
MHz
Maximum Duty Cycle
80
90
95
%
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.4
V
High-side On Resistance
VOUT=3.3V
300
mΩ
MOSFET Current
1.5
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com