Electronic Components Datasheet Search
  English  ▼

X  

LP6230C Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6230C
Description  1.0MHz,24V/2.0A High Performance, Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6230C Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6230C Datasheet HTML 1Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 2Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 3Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 4Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 5Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 6Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP6230C
Jun.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP6230C
1.0MHz,24V/2.0A High Performance, Boost Converter
General Description
The LP6320C is a 1MHz PWM boost switching
regulator designed for constant-voltage boost
applications. The LP6230C can drive a string of up to
30V. The LP6230C implements a constant frequency
1MHz PWM control scheme. The high frequency PWM
operation also saves board space by reducing external
component sizes. The LP6230C features automatic
shifting to pulse frequency modulation mode at light
loads.Highly integration and internal compensation
network minimizes as 6 external component counts.
Optimized operation frequency can meet the
requirement of small LC filters value and low operation
current with high efficiency. The LP6230C includes
under-voltage lockout, current limiting, and thermal
overload protection to prevent damage in the event of
an output overload. The LP6230A is available in a
small 8-pin MSOP8 package.
Order Information
LP6230C □ □ □
F: Pb-Free
Package Type
MS: MSOP8
Applications
Panel Bias Voltage supply
OLED Backlight driver
Portable Applications
MID/PTV
Features
High Efficiency: 90%
1MHzFixed-Frequency PWM Operation
Maximum Output Voltage up to 24V
Guaranteed 13V/200mA Output with 5V input
Operating Range : 2.2V to 6V
Shutdown Supply Current:<1uA
Minimize the External Component
RoHS Compliant and 100% Lead(Pb)-Free
Available in MSOP8 Package
Typical Application Circuit
VIN
EN
FB
LP6230C
VOUT(5V)
L
4.7uH
VIN
C2
22uF
R2
10k
R1
30k
C1
22uF
Chip
Control
Diode
Marking Information
Device
Marking
Package
Shipping
LP6230C
MSOP8
3K/REEL


Similar Part No. - LP6230C

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6230A POWER-LP6230A Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230AMSF POWER-LP6230AMSF Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
More results

Similar Description - LP6230C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31LT3505 ISSI-IS31LT3505 Datasheet
475Kb / 12P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL NMOS
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Silicon Solu...
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
1.0MHz Boost Converter
logo
Integrated Silicon Solu...
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B-STLS2-TR ISSI-IS31BL3506B-STLS2-TR Datasheet
440Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
24V 4A Asynchronous Boost Converter
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com