Electronic Components Datasheet Search
  English  ▼

X  

LP6230C Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6230C
Description  1.0MHz,24V/2.0A High Performance, Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6230C Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6230C Datasheet HTML 1Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 2Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 3Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 4Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 5Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 6Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP6230C
Jun.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP6230C
Typical Operating Characteristics
Start up Waveform CH1=VEN, CH2=VOUT
CH1=△VOUT,CH2=VSW @ VIN=3.7V, VOUT=5V, IOUT=1mA
CH1=△VOUT,CH2=VSW @ VIN=3.7V, VOUT=5V, IOUT =500mA
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
500
1000
1500
IOUT / mA
Efficiency VS. IOUT
@ Different Vin with VOUT=5V
Vin=3V
Vin=3.3V
Vin=3.5V
Vin=3.7V
Vin=4.2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com