Electronic Components Datasheet Search
  English  ▼

X  

LP6230C Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6230C
Description  1.0MHz,24V/2.0A High Performance, Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6230C Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6230C Datasheet HTML 1Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 2Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 3Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 4Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 5Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 6Page - Lowpower Semiconductor inc LP6230C Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP6230C
Jun.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP6230C
Absolute Maximum Ratings
Note 1
VIN to GND --------------------------------------------------------------------------------------------------- -0.3V to 6.5V
SW to GND ---------------------------------------------------------------------------------------------------- -0.3V to 30V
Other Pin to GND ----------------------------------------------------------------------------------------------- -0.3V to 6V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150°C
Operating Ambient Temperature Range ------------------------------------------------------------- -20℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (MSOP8,PD,TA=25℃) ------------------------------------------------------ 900mW
Thermal Resistance (θJA) ---------------------------------------------------------------------------------------- 165℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VIN=3.5V, VOUT=5V, CIN=10uF, COUT=22uF, L1=4.7uH, R1=30K, R2=10K)
Parameter
Symbol
Condition
Min
Typ
Max
Units
Operation voltage Range
VIN
2.2
6
V
Input Under Voltage Lockout
UVLO
2.0
V
UVLO Hysteresis Voltage
0.2
V
Supply Current
IQ
VFB=1.3V
100
μA
Shut Down Current
ISD
VEN=0V
0.1
1
μA
Operation Frequency
fOSC
1.0
MHz
Maximum Duty Cycle
93
%
Feedback Voltage
VFB
1.22
1.25
1.28
V
On Resistance of MOSFET
RDS(ON)
0.3
Ω
SW Current Limit
ILM
2
A
Shut Down Voltage
VEN(OFF)
0.4
V
Enable on Voltage
VEN(ON)
1.4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com