Electronic Components Datasheet Search
  English  ▼

X  

LP1110 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP1110
Description  Dual Bootstrapped, 12V MOSFET Driver with Output Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1110 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP1110 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP1110-00
Oct.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 8
Preliminary Datasheet LP1110
Power Supply Decoupling
The LP1110 can source and sink relatively large
currents to the gate pins of the external MOSFETs.
In order to maintain a constant and stable supply
voltage (VCC), a low ESR capacitor should be
placed near the power and ground pins. A 1μF to 4.7
μF multi-layer ceramic capacitor (MLCC) is usually
sufficient.
Input Pins
The PWM and the EN pins of the LP1110 have
internal protection for Electro Static Discharge (ESD),
but in normal operation they present relatively high
input impedance. If the PWM controller does not
have internal pull-down resistors, they should be
added externally to ensure that the driver outputs do
not go high before the controller has reached its
under voltage lockout threshold.
Bootstrap Circuit
The bootstrap circuit uses a charge storage
capacitor(CBST) and the external diode. Selection of
these components can be done after the high-side
MOSFET has been chosen. The bootstrap capacitor
must have a voltage rating that is able to withstand
twice the maximum supply voltage. A minimum 50V
rating is recommended. The capacitance is
determined using the following equation:
where QGATE is the total gate charge of the high-side
MOSFET, and ΔVBST is the voltage droop allowed
on the high-side MOSFET drive.
For example, an external MOSFET has a total gate
charge of about 30nC. For an allowed droop of
300mV, the required bootstrap capacitance is 100nF.
A good quality ceramic capacitor should be used.The
bootstrap diode must be rated to withstand the
maximum supply voltage plus any peak ringing
voltages that may be present on SWN. The average
forward current can be estimated by:
where FMAX is the maximum switching frequency of
the controller. The peak surge current rating should
be checked in-circuit, since this is dependent on the
source impedance of the 12V supply and the ESR of
CBST.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com