Electronic Components Datasheet Search
  English  ▼

X  

LP1110 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP1110
Description  Dual Bootstrapped, 12V MOSFET Driver with Output Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1110 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP1110 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP1110-00
Oct.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet LP1110
Dual Bootstrapped, 12V MOSFET Driver with Output Enable
General Description
The LP1110 is a single phase 12V MOSFET gate
driver optimized to drive the gates of both high-side
and low-side power MOSFETs in a synchronous buck
converter.
With a wide operating voltage range, high or low side
MOSFETgate drive voltage can be optimized for the
best efficiency. Internal adaptive non-overlap circuitry
further reduces switching losses by preventing
simultaneous conduction of both MOSFETs.
The floating top driver design can accommodate VBST
voltages as high as 35V, with transient voltages as
high as 40V. Both gate outputs can be driven low by
applying a low logic level to the enable(EN) pin. An
undervoltage lockout function ensures that both driver
outputs are low when the supply voltage is low, and a
Thermal Shutdown function provides the IC with
over-temperature protection.
Order Information
LP1110 □□□
F: Halogen Free & Pb Free
Package Type
QV:DFN8
Features
All-In-One Synchronous Buck Driver
Bootstrapped High-Side Drive
One PWM Signal Generates Both Drives
Anti-cross Conduction Protection Circuitry
Applications
Multiphase Desktop CPU Supplies
Single-supply Synchronous Buck Converters
Typical Application Circuit
LP1110
VCC
BST
DRVH
SWN
DRVL
PGND
D1
EN
PWM
VIN
VCC
L1
VOUT
EN
PWM
C1
C2
C3
C4
M1
M2
Marking Information
Device
Marking
Package
Shipping
LP1110
LPS
LP1110
YWX
DFN8
3K/Reel
Y:Production year W:Production period X:Production batch


Similar Part No. - LP1110

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1111SOF POWER-LP1111SOF Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1115 POWER-LP1115 Datasheet
537Kb / 10P
Full Bridge Gate Driver with Boost Convertor
LP1115AQVF POWER-LP1115AQVF Datasheet
537Kb / 10P
Full Bridge Gate Driver with Boost Convertor
More results

Similar Description - LP1110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
logo
Fairchild Semiconductor
FAN5009 FAIRCHILD-FAN5009 Datasheet
167Kb / 13P
Dual Bootstrapped 12V MOSFET Driver
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Fairchild Semiconductor
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
Dual Bootstrapped 12V MOSFET Driver
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Fairchild Semiconductor
FAN5109B FAIRCHILD-FAN5109B Datasheet
696Kb / 14P
Dual Bootstrapped 12V MOSFET Driver
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
ADP34190091RMZR ONSEMI-ADP34190091RMZR Datasheet
143Kb / 10P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
April, 2010 ??Rev. 3
logo
Lowpower Semiconductor ...
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com