Electronic Components Datasheet Search
  English  ▼

X  

XC9504 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9504
Description  2ch. Step-up / Inverting DC/DC Controller ICs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9504 Datasheet HTML 1Page - Torex Semiconductor XC9504 Datasheet HTML 2Page - Torex Semiconductor XC9504 Datasheet HTML 3Page - Torex Semiconductor XC9504 Datasheet HTML 4Page - Torex Semiconductor XC9504 Datasheet HTML 5Page - Torex Semiconductor XC9504 Datasheet HTML 6Page - Torex Semiconductor XC9504 Datasheet HTML 7Page - Torex Semiconductor XC9504 Datasheet HTML 8Page - Torex Semiconductor XC9504 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Mar. 20, 2003 Ver 3
Applications
2ch DC/DC Controller (Step-up + Inverting)
Power Supplies for LCD
Input Voltage Range
0.9V ~ 10.0V
PDAs
Output Voltage Externally Set-Up
Palm Top Computers
Oscillation Frequency
180kHz
(±15%)
Portable Audio Systems
Max Duty Ratio
80% (TYP)
Various Multi-function Power Supplies
PWM, PWM/PFM Switching Control
MSOP-10 Package
Features
2ch. DC/DC Controllers
Output 1: Step-up DC/DC Controller
Output 2: Inverting DC/DC Controller
Power Supply Voltage Range 2.0V ~ 10V
Output Voltage Range
General Description
Output 1:
1.5V ~ 30.0V
(Step-up DC/DC Controller)
Output 2:
-30V ~ 0V
(Inverting DC/DC Controller)
Oscillation Frequency
180kHz ±15%
300kHz & 500kHz are available as custom
Output Current
Output 1 :
Output 2 :
Soft-Start Internally Set-Up (Output 1)
Stand-By Current
3.0
µA (MAX)
Typical Perfomance Characteristics
Typical Application
( XC9504B092A
Input: 3.3V, Output
1: 15V, Output 2: -7V )
more than 20mA (VIN=3.3V,VOUT=15V)
more than - 20mA (VIN=3.3V,VOUT=- 7V)
The XC9504 series are PWM control, PWM/PFM switching, 2
channel (step-up and inverting) DC/DC controller ICs.
With 0.9V of standard voltage supply internal, and using
externally connected components, the output 1 voltage (step-up
DC/DC controller) can be set freely within a range of 1.5V ~
30V. Since output 2 (inverting DC/DC controller) has a built-in
0.9V reference voltage (accuracy
±2), a negative voltage can be
set with the external components.
With a 180kHz frequency, the size of the external components
can be reduced. Switching frequencies of 300kHz and 500kHz
are also available as custom-designed products.
The control of the XC9504 series can be switched between
PWM control and PWM/PFM automatic switching control using
external signals. Control switches from PWM to PFM during
light loads when automatic switching is selected and the series
is highly efficient from light loads through to large output
currents. Noise is easily reduced with PWM control since the
frequency is fixed.
The series gives freedom of control selection so that control
suited to the application can be selected.
Soft-start time is internally set to 10msec (output 1)
which offers protection against rush currents and voltage
overshoot when the power is switched on .
XC9504 Series
2ch. Step-up / Inverting DC/DC Controller ICs
Can be set freely with 0.9V(±
2.0%) of reference voltage
supply & external components
Can be set freely with 0.9V(±
2.0%) of reference voltage &
external components
L1:22uH
D412F
Tr2:Pch MOSFET
XP152A12C0
CIN=47uF
Tr1:Nch MOSFET
XP151A12A2
L2:22uH
D412F
VPW M1
VPW M2
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2/ 10
4 PW M1 PWM2 7
5 EN1
EN2 6
VEN2
VEN1
CDD=1uF
SD2
:MA2Q735
RFB11
:470k
Ω
RFB12
:30k
Ω
CFB1
:5pF
VOUT1=15V
IOUT1=~20mA
SD1
:MA2Q735
CL1
10uF
RFB21
24k
Ω
CFB21
=0.1uF
VOUT2=7V
IOUT2=~20mA
CL2
:10uF
RFB22
:43k
Ω
VIN=3.3V
14.4
14.6
14.8
15.0
15.2
15.4
0
10
203040
5060
Output Current 1,2 IOUT1,2(mA)
-7.8
-7.7
-7.6
-7.5
-7.4
-7.3
VOUT2
VOUT1
XC9504B092A
(180kHz, Output 1 = 15V, Output 2 = - 7.5V)
L1=22
µH (CDRH4D18C), CL1=- 10µF (ceramic), SD1: CRS02, Tr1:XP151A12A2M
L2=22
µH (CDRH4D18C), CL2= 10µF (ceramic), SD1: CRS02, Tr2:XP152A12C0M
1


Similar Part No. - XC9504

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
2Mb / 53P
2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9504B092CAL TOREX-XC9504B092CAL Datasheet
2Mb / 53P
2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9504B092CAR TOREX-XC9504B092CAR Datasheet
2Mb / 53P
2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9504B092CDL TOREX-XC9504B092CDL Datasheet
2Mb / 53P
2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9504B092CDR TOREX-XC9504B092CDR Datasheet
2Mb / 53P
2 ch. Step-Up / Inverting DC/DC Controller ICs
More results

Similar Description - XC9504

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
2ch. Step-up DC/DC Controller ICs.
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
Step-Up & Down DC / DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
2ch. Step-Down / Inverting DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
2ch Step-down DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
2ch.Step-Up/Up DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
2ch. Step-up / down DC/DC Controller ICs
XC9504 TOREX-XC9504_1 Datasheet
2Mb / 53P
2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com