Electronic Components Datasheet Search
  English  ▼

X  

XC9504 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9504
Description  2ch. Step-up / Inverting DC/DC Controller ICs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9504 Datasheet HTML 15Page - Torex Semiconductor XC9504 Datasheet HTML 16Page - Torex Semiconductor XC9504 Datasheet HTML 17Page - Torex Semiconductor XC9504 Datasheet HTML 18Page - Torex Semiconductor XC9504 Datasheet HTML 19Page - Torex Semiconductor XC9504 Datasheet HTML 20Page - Torex Semiconductor XC9504 Datasheet HTML 21Page - Torex Semiconductor XC9504 Datasheet HTML 22Page - Torex Semiconductor XC9504 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
< 1 ch. Step-Up DC/DC Controller >
(2) Efficiency vs. Output Current
( Ceramic Capacitor and Compact Inductor Use)
19
XC9504 Series
2ch. Step-up / Inverting DC/DC Controller ICs
FOSC=180kHz, VOUT1= 10.0V
0
20
40
60
80
100
0.1
1
10
Output Current 1 IOUT1 (mA)
VIN=2.7V
L1=22uH(LLB2520), CL1=10uF(ceramic)
SD1:CRS02, Tr1:XP151A12A2MR
4.2V
5.0V
3.3V
PWM/PFM Switching Control
PWM Control
FOSC=180kHz, VOUT1= 20.0V
0
20
40
60
80
100
0.1
1
10
Output Current 1 IOUT1 (mA)
VIN=3.3V
L1=22uH(LLB2520), CL1=4.4uF(ceramic)
SD1:CRS02, Tr1:XP151A11B0MR
5.0V
PWM/PFM Switching Control
PWM Control
FOSC=180kHz, VOUT1= 30.0V
0
20
40
60
80
100
0.1
1
10
Output Current 1 IOUT1 (mA)
VIN=3.3V
L1=22uH(LLB2520), CL1=2uF(ceramic)
SD1:CRS02, Tr1:2SK2857
5.0V
PWM/PFM Switching Control
PWM Control
FOSC=180kHz, VOUT1= 15.0V
0
20
40
60
80
100
0.1
1
10
Output Current 1 IOUT1 (mA)
VIN=2.7V
L1=22uH(LLB2520), CL1=10uF(ceramic)
SD1:CRS02, Tr1:XP151A12A2MR
3.3V
4.2V
5.0V
PWM/PFM Switching Control
PWM Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com