Electronic Components Datasheet Search
  English  ▼

X  

XC9504 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9504
Description  2ch. Step-up / Inverting DC/DC Controller ICs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9504 Datasheet HTML 1Page - Torex Semiconductor XC9504 Datasheet HTML 2Page - Torex Semiconductor XC9504 Datasheet HTML 3Page - Torex Semiconductor XC9504 Datasheet HTML 4Page - Torex Semiconductor XC9504 Datasheet HTML 5Page - Torex Semiconductor XC9504 Datasheet HTML 6Page - Torex Semiconductor XC9504 Datasheet HTML 7Page - Torex Semiconductor XC9504 Datasheet HTML 8Page - Torex Semiconductor XC9504 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Electrical Characteristics
XC9504B092A
Common Characteristics
VDD
≥ 2.0V, IOUT=1mA
VDD
≠ VOUT
VIN
≥ 0.9V, IOUT=1mA (note 2)
VDD=VOUT
EN2=3.0V, EN1=0V, FB2=1.2V
FB1=1.2V, FB2=1.2V
Unless otherwise stated, VDD=3.0V, PWM1, 2=3.0V, EN1, 2 = 3.0V
Output 1 Characteristics
Step-up Controller
Using Tr: 2SD1628,
Unless otherwise stated, VDD=EN1=PWM1=3.0V, EN2=PWM2=GND, EXT2=OPEN, FB2=OPEN, VIN=1.8V
Output 2 Characteristics
Inverting DC/DC Controller
IOUT2=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
RFB21=17.5k
Ω, RFB22=10kΩ, EN1=PWM1=3.0V
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=3.0V
3
Minimum Duty Ratio2
MINDTY3 Same as IDD2
--
0
%
3
-
Minimum Duty Ratio1
MAXDTY2 Same as IDD2
--
0
%
V
12
VST1-2
-
2.0
VOUT1
VOUT2
VOUT1
VOUT2
-
2.0
-
TEST CIRCUIT
PARAMETER
SYMBOL
CONDITIONS
MIN.
V
TYP.
MAX.
UNITS
2.0
-
10.0
2
-
Output Voltage Range
(note 3)
VOUTSET
0.9
-
-
0.0
V
-
10.0
Supply Current 1
IDD1
FB=0V, FB2=1.2V
-
90
190
µA
3
EN1=3.0V, EN2=0, FB1=0V
-
µA
3
Supply Current 1-1
IDD1-1
60
120
FB1=0V, FB2=0V
-
Supply Current 1-2
IDD1-2
80
150
µA
3
Supply Current 2
IDD2
FB1=1.2V, FB2=0V
-
70
132
µA
3
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
-
1
3.0
µA
3
Oscillation Frequency
FOSC
Same as IDD1
153
180
207
kHz
3
EN1, 2 "High" Voltage
VENH
FB1=0V, FB2=3.0V
0.65
-
-
V
3
EN1, 2 "Low" Voltage
VENL
FB1=0V, FB2=3.0V
-
-
0.20
V
3
EN1, 2 "High" Current
IENH
FB1=3.0V, FB2=0V
-
-
0.50
µA
3
EN1, 2 "Low" Current
IENL
EN1, 2=0V, FB1=3.0V, FB2=0V
-
-
-0.50
µA
3
PWM1, 2 "High" Current
IPWMH
FB1=3.0V, FB2=0V, PWM1, 2=3.0V
-
-
0.50
µA
3
PWM1, 2 "Low" Current
IPWML
FB1=3.0V, FB2=0V, PWM1, 2=0V
-
-
-0.50
µA
3
FB1, 2 "High" Current
IFBH
FB1=3.0V, FB2=0.8V
-
-
0.50
µA
3
FB1, 2 "Low" Current
VFBL
FB1=1.0V, FB2=0V
-
-
-0.50
µA
3
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
TEST CIRCUIT
FB1 Voltage
VFB1
VDD=3.0V, VIN=1.5V, IOUT1=10mA
0.882
0.900
0.918
V
4
Operation Start-up
Voltage1
(note 2)
VST1-1
--
VDD
≠ VOUT1 : IOUT1=10mA
--
0.9
V
2
IOUT=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
2.0
V
1
Oscillation Start-up Voltage1
VST2-1
FB1=0V
-
-
0.8
V
3
Maximum Duty Ratio1
MINDTY1 Same as IDD1
75
80
87
%
3
PFM Duty Ratio1
PFMDTY1 No Load, VPWM1=0V
22
30
38
%
5
Efficiency1
EFFI1
IOUT1= 130mA, Nch MOSFET: XP161A1355P
-85
-
%
5
Soft-Start Time1
TSS1
VOUT1
× 0.95V, EN1=0V→0.65V
5.0
10.0
20.0
msec
5
EXT1 "High" ON Resistance
REXTBH1 FB1=0V, EXT1=VDD -0.4V
-28
47
Ω
6
EXT1 "Low" ON Resistance
REXTBL1 EN1=FB1=1.2V, EXT1=0.4V
-
22
30
Ω
6
PWM1 "High" Voltage
VPWMH1 No Load
0.65
-
-
V
5
PWM1 "Low" Voltage
VPWML1
No Load
-
-
0.20
V
5
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
TEST CIRCUIT
--
FB2 Voltage
VFB2
VDD=3.0V
0.882
Operation Start-up
Voltage2
3
Maximum Duty Ratio2
MAXDTY2 Same as IDD1
75
80
87
%
3
FB2=1.2V
30
38
%
Oscillation Start-up Voltage2
PFM Duty Ratio2
PFMDTY2 No Load, VPWM2=0V
2.0
V
VST2-2
7
Efficiency2 (Note 4)
EFFI2
IOUT2= -150mA, Pch MOSFET: XP162A12A6P
-76
-
%
7
22
EXT2 "High" ON Resistance
REXTBH2 EN2=FB2= 0V, EXT2=VDD-0.4V
-28
47
Ω
6
30
Ω
6
EXT2 "Low" ON Resistance
REXTBL2 FB2=3.0V, EXT2=0.4V
-
22
7
PWM2 "High" Voltage
VPWMH2 No Load
0.65
-
-
V
7
PWM2 "Low" Voltage
VPWML2
No Load
-
-
0.20
V
XC9504 Series
2ch. Step-up / Inverting DC/DC Controller ICs
Ta=25
OC
1
-
0.0
V
Supply Voltage (note 1)
VDD
Ta=25
OC
Ta=25
OC
0.900
0.918
V
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com