Electronic Components Datasheet Search
  English  ▼

X  

LBW5SG Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LBW5SG
Description  white SMD package, colorless clear
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5SG Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LBW5SG Datasheet HTML 3Page - OSRAM GmbH LBW5SG Datasheet HTML 4Page - OSRAM GmbH LBW5SG Datasheet HTML 5Page - OSRAM GmbH LBW5SG Datasheet HTML 6Page - OSRAM GmbH LBW5SG Datasheet HTML 7Page - OSRAM GmbH LBW5SG Datasheet HTML 8Page - OSRAM GmbH LBW5SG Datasheet HTML 9Page - OSRAM GmbH LBW5SG Datasheet HTML 10Page - OSRAM GmbH LBW5SG Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LB W5SG, LV W5SG
2003-10-29
7
Durchlassstrom
2) Seite 14
Forward Current
2) page 14
I
F = f (VF); TA =25 °C
Relative Lichtstärke
2) Seite 14
Relative Luminous Intensity
2) page 14
I
V/IV(25 °C) = f (TA); IF = 350 mA
Relative Lichtstärke
2) 7) Seite 14
Relative Luminous Intensity
2) 7) page 14
I
V/IV(350 mA) = f (IF); TA =25 °C
OHL00830
10
-2
mA
IF
VF
2.0
10
0
V
10
-1
2.5 3.0 3.5 4.0 4.5 5.0
6.0
OHL02637
-60
0
T
˚C
V (25 ˚C)
I
IV
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
true green
blue
verde
OHL02051
1
10
mA
3
10
F
I
Φ
V (350 mA)
Φ
V
10 2
10
1
-1
10
0
10
blue
verde



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com