Electronic Components Datasheet Search
  English  ▼

X  

LBW5SG Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LBW5SG
Description  white SMD package, colorless clear
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5SG Datasheet(HTML) 2 Page - OSRAM GmbH

  LBW5SG Datasheet HTML 1Page - OSRAM GmbH LBW5SG Datasheet HTML 2Page - OSRAM GmbH LBW5SG Datasheet HTML 3Page - OSRAM GmbH LBW5SG Datasheet HTML 4Page - OSRAM GmbH LBW5SG Datasheet HTML 5Page - OSRAM GmbH LBW5SG Datasheet HTML 6Page - OSRAM GmbH LBW5SG Datasheet HTML 7Page - OSRAM GmbH LBW5SG Datasheet HTML 8Page - OSRAM GmbH LBW5SG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2003-10-29
2
LB W5SG, LV W5SG
Anm.: -35 gesamter Farbbereich, Lieferung in Einzelgruppen (siehe Seite 5)
Note: -35 Total color tolerance range, delivery in single groups (please see page 5)
Bestellinformation
Ordering Information
Typ
Type
Emissions-
farbe
Color of
Emission
Lichtstrom
1)
Seite 14
Luminous
Flux
1)
page 14
I
F = 350 mA
Φ
V (mlm)
Lichtstärke
2)
Seite 14
Luminous
Intensity
2)
page 14
I
F = 350 mA
I
V (mcd)
Bestellnummer
Ordering Code
LB W5SG-DYEZ-35
blue
5200... 11200
2700 (typ.)
Q65110A1470
LV W5SG-GYHY-35
verde
21000 ... 45000
11000 (typ.)
Q65110A1458



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com