Electronic Components Datasheet Search
  English  ▼

X  

LTW51M Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LTW51M
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTW51M Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LTW51M Datasheet HTML 4Page - OSRAM GmbH LTW51M Datasheet HTML 5Page - OSRAM GmbH LTW51M Datasheet HTML 6Page - OSRAM GmbH LTW51M Datasheet HTML 7Page - OSRAM GmbH LTW51M Datasheet HTML 8Page - OSRAM GmbH LTW51M Datasheet HTML 9Page - OSRAM GmbH LTW51M Datasheet HTML 10Page - OSRAM GmbH LTW51M Datasheet HTML 11Page - OSRAM GmbH LTW51M Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Vorläufige Daten / Preliminary Data
LB W51M, LD W51M, LT W51M
2009-06-16
8
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
I
F = f (VF); TA = 25 °C
Relativer Lichtstrom
2) 7) Seite 18
Relative Luminous Flux
2) 7) page 18
Φ
V/ΦV(350 mA) = f (IF); TA = 25 °C, (blue, true green)
Relative Vorwärtsspannung
2) Seite 18
Relative Forward Voltage
2) page 18
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 350 mA
Relative Strahlungsleistung
2) 7) Seite 18
Relative Radiant Power
2) 7) page 18
Φ
E/ΦE(350 mA) = f (IF); TA = 25 °C, (deep blue)
3.5
2
2.0
10
1
10
3.0
2.5
10
3
mA
4.5
4.0 V
OHL02520
5
5
VF
F
I
V (350 mA)
V
I
F
10 1
10 2
10 3
mA
10
-1
0
10
10
1
5
5
OHL02559
Φ
Φ
blue
true green
OHL02671
Tj
-40
-0.1
-0.2
-0.3
0
0.1
-20
0
20 40
0.2
0.4
˚C
60
100
-60
V
VF
Δ
E (350 mA)
E
I
F
10 1
10 2
10 3
mA
10
-1
0
10
10
1
5
5
OHL03946
Φ
Φ
deep blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com