Electronic Components Datasheet Search
  English  ▼

X  

LTW51M Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LTW51M
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTW51M Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LTW51M Datasheet HTML 6Page - OSRAM GmbH LTW51M Datasheet HTML 7Page - OSRAM GmbH LTW51M Datasheet HTML 8Page - OSRAM GmbH LTW51M Datasheet HTML 9Page - OSRAM GmbH LTW51M Datasheet HTML 10Page - OSRAM GmbH LTW51M Datasheet HTML 11Page - OSRAM GmbH LTW51M Datasheet HTML 12Page - OSRAM GmbH LTW51M Datasheet HTML 13Page - OSRAM GmbH LTW51M Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Vorläufige Daten / Preliminary Data
LB W51M, LD W51M, LT W51M
2009-06-16
10
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
deep blue
,
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
true green
,
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
blue
,
λ
dom = f (IF); TA = 25 °C
I
OHL02674
450
dom
λ
0
mA
nm
F
200
400
600
800
1000
452.5
455
457.5
460
462.5
I
OHL02557
515
dom
λ
0
mA
nm
520
525
530
535
540
545
550
F
200
400
600
800
1000
I
OHL02558
465
dom
λ
0
mA
nm
F
200
400
600
800
1000
467.5
470
472.5
475
477.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com