Electronic Components Datasheet Search
  English  ▼

X  

MPQ4430GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MPQ4430GL
Description  36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4430GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MPQ4430GL Datasheet HTML 14Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 15Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 16Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 17Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 18Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 19Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 20Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 21Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
MPQ4430
– 36V, 3.5A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MPQ4430 Rev. 1.0
www.MonolithicPower.com
18
3/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The
MPQ4430
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with integrated internal high-side and
low-side
power
MOSFETs.
The
MPQ4430
offers a very compact solution that achieves
3.5A of continuous output current with excellent
load and line regulation over a wide 3.3V to 36V
input supply range.
The MPQ4430 features a switching frequency
programmable
from
350kHz
to
2.5MHz,
external soft start, power good indication, and
precision current limit. Its very low operational
quiescent current makes it suitable for battery-
powered applications.
Pulse-Width Modulation (PWM) Control
At
moderate
to
high
output
current,
the
MPQ4430 operates in a fixed-frequency, peak-
current-control mode to regulate the output
voltage. An internal clock initiates a pulse-width
modulation (PWM) cycle. At the rising edge of
the clock, the high-side power MOSFET (HS-
FET) is turned on, and the inductor current rises
linearly to provide energy to the load. The HS-
FET remains on until its current reaches the
value set by the COMP voltage (VCOMP), which
is the output of the internal error amplifier. If in
one PWM period, the current in the HS-FET
does not reach VCOMP, the HS-FET remains on,
saving a turn-off operation.
When the HS-FET is off, it remains off until the
next clock cycle begins. The low-side MOSFET
(LS-FET) is turned on immediately while the
inductor current flows through it.
To prevent shoot-through, a dead time is
inserted to prevent the HS-FET and LS-FET
from being on at the same time. For each turn-
on and -off in a switching cycle, the HS-FET
turns on or off with minimum on and off time
limit.
Forced CCM and AAM
The
MPQ4430
has
selectable
forced
continuous
conduction
mode
(CCM)
and
advanced asynchronous mode (AAM) (see
Figure
3).
Driving
SYNC
higher
than
its
specified threshold before the chip starts up
forces the device into CCM with a fixed
frequency regardless of the output load current.
Once the device is in CCM, SYNC can be
pulled low again, or with an external clock if
needed.
The
advantage
of
CCM
is
the
controllable frequency and smaller output ripple,
but it also has low efficiency at light load.
Driving SYNC below its specified threshold or
leaving SYNC floating before the chip starts up
enables AAM power-save mode. The MPQ4430
first enters non-synchronous operation for as
long as the inductor current approaches zero at
light load. If the load is further decreased or is
at no load, then VCOMP is below the internally set
AAM value (VAAM). The MPQ4430 then enters
sleep
mode,
which
consumes
very
low
quiescent current to further improve light-load
efficiency.
In sleep mode, the internal clock is blocked first,
so the MPQ4430 skips some pulses. Since the
FB voltage (VFB) is lower than the internal 0.8V
reference (VREF) at this time, VCOMP ramps up
until it crosses over VAAM. Then the internal
clock is reset, and the crossover time is taken
as the benchmark of the next clock. This control
scheme helps achieve high efficiency by scaling
down the frequency to reduce switching and
gate driver losses during light-load or no-load
conditions.
When the output current increases from light-
load condition, VCOMP becomes larger, and the
switching frequency increases. If the DC value
of VCOMP exceeds VAAM, the operation mode
resumes DCM or CCM, which have a constant
switching frequency.
Forced CCM Mode
Inductor
Current
t
t
t
Load
Decreased
AAM Mode
Inductor
Current
t
t
t
Load
Decreased
Figure 3: Forced CCM and AAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com