Electronic Components Datasheet Search
  English  ▼

X  

MPQ4430GL Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MPQ4430GL
Description  36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4430GL Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MPQ4430GL Datasheet HTML 20Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 21Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 22Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 23Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 24Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 25Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 26Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 27Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
MPQ4430
– 36V, 3.5A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MPQ4430 Rev. 1.0
www.MonolithicPower.com
24
3/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines (6)
Efficient
PCB
layout,
especially
for
input
capacitor
placement,
is
critical
for
stable
operation.
A
four-layer
layout
is
strongly
recommended
to
achieve
better
thermal
performance. For best results, refer to Figure 8
and follow the guidelines below.
1.
Place symmetric input capacitors as close to
VIN and GND as possible.
2.
Use a large ground plane to connect to
PGND directly.
3.
Add vias near PGND if the bottom layer is a
ground plane.
4.
Ensure that the high-current paths at GND
and VIN have short, direct, and wide traces.
5.
Place the ceramic input capacitor, especially
the small package size (0603) input bypass
capacitor, as close to VIN and PGND as
possible to minimize high-frequency noise.
6.
Keep the connection of the input capacitor
and VIN as short and wide as possible.
7.
Place the VCC capacitor as close to VCC
and GND as possible.
8.
Route SW and BST away from sensitive
analog areas, such as FB.
9.
Place the feedback resistors close to the
chip to ensure that the trace which connects
to FB is as short as possible.
10. Use multiple vias to connect the power
planes to the internal layers.
NOTE:
6)
The recommended PCB layout is based on Figure 9.
Top Layer
Inner Layer 1
Inner Layer 2
Bottom Layer
Figure 8: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com