Electronic Components Datasheet Search
  English  ▼

X  

MPQ4430GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4430GL
Description  36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4430GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4430GL Datasheet HTML 1Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 2Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 3Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 4Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 5Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 6Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 7Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 8Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MPQ4430
36V, 3.5A, Low Quiescent Current,
Synchronous, Step-Down Converter
AEC-Q100 Qualified
MPQ4430 Rev. 1.0
www.MonolithicPower.com
1
3/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MPQ4430 is a frequency-programmable
(350kHz to 2.5MHz), synchronous, step-down,
switching regulator with integrated internal high-
side and low-side power MOSFETs. It provides
up to 3.5A of highly efficient output current with
current mode control for fast loop response.
The wide 3.3V to 36V input range accommodates
a variety of step-down applications in automotive
input environments and is ideal for battery-
powered applications due to its extremely low
quiescent current.
The
MPQ4430
employs
advanced
asynchronous
mode
(AAM),
which
helps
achieve high efficiency in light-load condition by
scaling down the switching frequency to reduce
switching and gate driving losses.
Standard features include soft start (SS),
external clock synchronization, enable (EN)
control, and a power good (PG) indicator. High-
duty cycle and low dropout mode are provided
for automotive cold-crank condition.
Over-current
protection
(OCP)
with
valley-
current detection is employed to prevent the
inductor current from running away. Hiccup
mode reduces the average current in short-
circuit condition greatly. Thermal shutdown
provides reliable and fault-tolerant operation.
The MPQ4430 is available in a QFN-16
(3mmx4mm) package.
FEATURES
Wide 3.3V to 36V Operating Input Range
3.5A Continuous Output Current
1
μA Low Shutdown Mode Current
10
μA Sleep Mode Quiescent Current
Internal 9
0mΩ High-Side and 40mΩ Low-
Side MOSFETs
350kHz to 2.5MHz Programmable
Switching Frequency
Fixed Output Options: 3.3V, 3.8V, 5V
Synchronize to External Clock
Selectable In-Phase or 180° Out-of-Phase
Power Good (PG) Indicator
Programmable Soft-Start (SS) Time
80ns Minimum On Time
Selectable Forced CCM or AAM
Low Dropout Mode
Over-Current Protection (OCP) with Valley-
Current Detection and Hiccup
Available in a QFN-16 (3mmx4mm)
Package
Available with Wettable Flank
AEC-Q100 Grade 1
APPLICATIONS
 Automotive Systems
 Industrial Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MPQ4430
VIN
EN
VIN
FREQ
FB
BST
VOUT
SW
GND
PHASE
VCC
BIAS
PG
SS
3.3 to 36V
SYNC


Similar Part No. - MPQ4430GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431GL MPS-MPQ4431GL Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431GL-AEC1 MPS-MPQ4431GL-AEC1 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431GLE-AEC1 MPS-MPQ4431GLE-AEC1 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4430GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4473-AEC1 MPS-MPQ4473-AEC1 Datasheet
1Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com