Electronic Components Datasheet Search
  English  ▼

X  

MPQ4431GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MPQ4431GL
Description  36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4431GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MPQ4431GL Datasheet HTML 14Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 15Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 16Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 17Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 18Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 19Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 20Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 21Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MPQ4431
– 36V, 1A, LOW IQ, SYNC, STEP-DOWN CONVERTER, AEC-Q100
PRELIMINARY SPEC
MPQ4431 Rev. 1.0
www.MonolithicPower.com
18
3/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
SYNC
CLK
SW1
SW2
t
SW1, 2 has a 180o phase shift
SW1: Phase high
SW2: Phase low
Figure 4: In-Phase and 180° Out-of-Phase
Soft Start (SS)
Soft start (SS) is implemented to prevent the
converter output voltage from overshooting
during start-up. When the chip starts up, an
internal current source begins charging the
external soft-start capacitor. When the soft-start
voltage
(VSS)
is
lower
than
the
internal
reference (VREF), VSS overrides VREF, so the
error amplifier uses VSS as the reference. When
VSS is higher than VREF, the error amplifier uses
VREF as the reference.
The soft-start time (tSS) set by the external SS
capacitor can be calculated with Equation (2):
SS
REF
SS
SS
C (nF) V
(V)
t (ms)
I ( A)
(2)
Where CSS is the external SS capacitor, VREF is
0.8V, and ISS is the internal 10μA SS charge
current.
SS can be used for tracking and sequencing.
Pre-Bias Start-Up
At start-up, if VFB is higher than VSS, which
means the output has a pre-bias voltage,
neither the HS-FET nor the LS-FET are turned
on until VSS is higher than VFB.
Over-Current Protection (OCP) and Hiccup
The MPQ4431 has cycle-by-cycle peak current-
limit protection with valley-current detection and
hiccup mode.
The power MOSFET current is accurately
sensed via a current sense MOSFET. It is then
fed to the high-speed current comparator for
current-mode control purposes. During the HS-
FET on state, if the sensed current exceeds the
peak current limit value set by the COMP high-
clamp
voltage,
the
HS-FET
turns
off
immediately. Then the LS-FET turns on to
discharge the energy, and the inductor current
decreases. The HS-FET remains off unless the
inductor valley current is lower than a certain
current threshold (valley current limit), even
though the internal clock pulses high. If the
inductor current does not drop below the valley
current limit when the internal clock pulses high,
the HS-FET misses the clock, and the switching
frequency decreases to half the nominal value.
Both the peak and valley current limits assist in
keeping the inductor current from running away
during an overload or short-circuit condition.
When the output is shorted to ground, causing
the output voltage to drop below 55% of its
nominal output, the peak current limit is kicked,
and the device considers this to be an output
dead
short
and
triggers
hiccup
mode
immediately to restart the part periodically.
In hiccup mode, the MPQ4431 disables its
output power stage and discharges the soft-
start capacitor slowly. The MPQ4431 restarts
with a full soft start when the soft-start capacitor
is fully discharged. If the short-circuit condition
still remains after the soft start ends, the device
repeats this operation until the fault is removed
and output returns to the regulation level. This
protection mode reduces the average short
circuit current greatly to alleviate thermal issues
and protect the regulator.
Floating Driver and Bootstrap Charging
A 0.1
μF to 1μF external, ceramic, bootstrap
capacitor powers the floating power MOSFET
driver. The floating driver has its own UVLO
protection with a rising threshold of 2.5V and
hysteresis of 200mV.
The bootstrap capacitor voltage is charged to
~5V from VCC through a PMOS pass transistor
when the LS-FET is on.
At a high duty cycle operation or sleep mode
condition, the time period available to the
bootstrap charging is less, so the bootstrap
capacitor may not be charged sufficiently. In
case
the
external
circuit
does
not
have
sufficient
voltage
or
time
to
charge
the
bootstrap capacitor, extra external circuitry can
be used to ensure that the bootstrap voltage is
in the normal operation region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com