Electronic Components Datasheet Search
  English  ▼

X  

MPQ4431GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4431GL
Description  36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4431GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4431GL Datasheet HTML 1Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 2Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 3Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 4Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 5Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 6Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 7Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 8Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MPQ4431
36V, 1A, Low Quiescent Current,
Synchronous, Step-Down Converter
AEC-Q100 Qualified
MPQ4431 Rev. 1.0
www.MonolithicPower.com
1
3/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MPQ4431 is a frequency-programmable
(350kHz to 2.5MHz), synchronous, step-down
switching regulator with integrated, internal,
high-side and low-side power MOSFETs. It
provides up to 1A of highly efficient output
current with current mode control for fast loop
response.
The wide 3.3V to 36V input range accommodates
a variety of step-down applications in automotive
input environments and is ideal for battery-
powered applications due to its extremely low
quiescent current.
The
MPQ4431
employs
advanced
asynchronous
mode
(AAM),
which
helps
achieve high efficiency in light-load condition by
scaling down the switching frequency to reduce
switching and gate driving losses.
Standard features include
soft start (SS),
external clock synchronization, enable (EN)
control, and a power good (PG) indicator. High-
duty cycle and low dropout mode are provided
for automotive cold-crank condition.
Over-current
protection
(OCP)
with
valley-
current detection is employed to prevent the
inductor current from running away. Hiccup
mode reduces the average current in short-
circuit condition greatly. Thermal shutdown
provides reliable and fault-tolerant operation.
The MPQ4431 is available in a QFN-16
(3mmx4mm) package.
FEATURES
 Wide 3.3V to 36V Operating Input Range
 1A Continuous Output Current
 1μA Low Shutdown Mode Current
 10μA Sleep Mode Quiescent Current
 Internal 90mΩ High-Side and 80mΩ Low-
Side MOSFETs
 350kHz to 2.5MHz Programmable Switching
Frequency
 Fixed Output Options: 3.3V, 3.8V, 5V
 Synchronize to External Clock
 Selectable In-Phase or 180° Out-of-Phase
 Power Good (PG) Indicator
 Programmable Soft-Start (SS) Time
 80ns Minimum On Time
 Selectable Forced CCM or AAM
 Low Dropout Mode
 Over-Current Protection (OCP) with Valley-
Current Detection and Hiccup
 Available in a QFN-16 (3mmx4mm)
Package
 Available with Wettable Flank
 AEC-Q100 Grade-1
APPLICATIONS
 Automotive Systems
 Industrial Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MPQ4431
VIN
EN
VIN
FREQ
FB
BST
VOUT
SW
GND
PHASE
VCC
BIAS
PG
SS
3.3 to 36V
SYNC


Similar Part No. - MPQ4431GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430GL MPS-MPQ4430GL Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430GL-AEC1 MPS-MPQ4430GL-AEC1 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430GLE-AEC1 MPS-MPQ4430GLE-AEC1 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4431GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com