Electronic Components Datasheet Search
  English  ▼

X  

PSAYC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAYC
Description  2 Watt AC/DC PCB Mount Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAYC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAYC Datasheet HTML 1Page - Wall Industries,Inc. PSAYC Datasheet HTML 2Page - Wall Industries,Inc. PSAYC Datasheet HTML 3Page - Wall Industries,Inc. PSAYC Datasheet HTML 4Page - Wall Industries,Inc. PSAYC Datasheet HTML 5Page - Wall Industries,Inc. PSAYC Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev D
PSAYC SERIES
2 Watt
AC/DC Switching Power Supplies
08/25/2015
Wall Industries, Inc. • 37 Industrial Dr., Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS: PSAYC SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
AC input voltage range
90
305
VAC
DC input voltage range
120
430
VDC
Input Frequency
47
63
Hz
Input Current
At 115VAC and full load
75
mA
At 230VAC and full load
55
Inrush Current (<500µs)
At 115VAC
15
A
At 230VAC
25
No Load Power Consumption
0.3
W
External Fuse (recommended)
3.15A slow blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-5
+5
%
Line Regulation
Low line to high line
-1
+1
%
Load Regulation
0% to 100% load
-1.5
+1.5
%
Output Power
2
W
Output Current
See Table
Minimum Load
0
%
Ripple & Noise(1)
120Hz
Measured at 20MHz BW with 0.1µF and 47µF capacitors in
parallel
1
Vp-p
100kHz
0.25
Max Capacitive Load
See Table
Hold-Up Time(2)
At 230VAC
15
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Over Voltage Protection
Zener diode clamp
Over Power Protection
Hiccup technique, auto-recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Isolation Voltage
Input to output
3000
VAC
Leakage Current
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-40
+80
°C
Storage Temperature
-40
+85
°C
Humidity
95
% RH
Cooling
Free air convection
MTBF
25°C (MIL-HDBK-217F)
350,000
hours
PHYSICAL SPECIFICATIONS
Weight
0.71 oz (20.1 g)
Case Material
Plastic resin with fiberglass (Flammability to UL 94V-0)
Dimensions (L x W x H)
1.33 x 0.87 x 0.67 inches (33.7 x 22.2 x 17.0 mm)
SAFETY & EMC
Safety Approvals
UL/cUL, CE, CB
EMC
EMI (Conducted and Radiated Emissions)
EN 55022 Class B
EMS (Noise Immunity)
EN 55024



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com