Electronic Components Datasheet Search
  English  ▼

X  

PSAYC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAYC
Description  2 Watt AC/DC PCB Mount Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAYC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAYC Datasheet HTML 1Page - Wall Industries,Inc. PSAYC Datasheet HTML 2Page - Wall Industries,Inc. PSAYC Datasheet HTML 3Page - Wall Industries,Inc. PSAYC Datasheet HTML 4Page - Wall Industries,Inc. PSAYC Datasheet HTML 5Page - Wall Industries,Inc. PSAYC Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev D
PSAYC SERIES
2 Watt
AC/DC Switching Power Supplies
08/25/2015
Wall Industries, Inc. • 37 Industrial Dr., Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
NOTES
(1) Ripple & Noise measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
(2) Hold-up time measured at 90% Vout.
(3) Varistor 14S561K required at L/N input side in parallel.
(4) 10R/ 15f thermistor required at L input side in series connection.
(5) Please request our PDF file “AC-DC Application Notes” for more details.
Due to advances in technology, specifications subject to change without notice.
MECHANICAL DRAWING
BLOCK DIAGRAM
DERATING CURVE
Single Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com