Electronic Components Datasheet Search
  English  ▼

X  

PSAYC Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSAYC
Description  2 Watt AC/DC PCB Mount Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAYC Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSAYC Datasheet HTML 1Page - Wall Industries,Inc. PSAYC Datasheet HTML 2Page - Wall Industries,Inc. PSAYC Datasheet HTML 3Page - Wall Industries,Inc. PSAYC Datasheet HTML 4Page - Wall Industries,Inc. PSAYC Datasheet HTML 5Page - Wall Industries,Inc. PSAYC Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev D
PSAYC SERIES
2 Watt
AC/DC Switching Power Supplies
08/25/2015
Wall Industries, Inc. • 37 Industrial Dr., Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 6
APPLICATION NOTES
AC Input Line Connection:
The pin of AC line (L), AC Neutral (N), and the third wire safety ground (FG) should be retained from the AC power
outlet to the power supply input terminals without accidental interchange. (Figure 1.1)
The FG pin should be connected to the equipment where power supply is placed as thicker and shorter to protect
electric shock or noise interference. (Figure 1.2)
Series and Parallel Operation
I.
Series operation: Most power converters can be operated in series if they have overload limitation by either
constant current or constant power circuits. To protect each output from the reverse voltage applied by the
other unit in the event of load short circuits, reverse biased diodes are used as shown in Figure 2.1.
II. Parallel operation: This is only recommended with power converters specifically designed for parallel
connection. In the parallel redundant scheme illustrated in Figure 2.2, one of the power converters could be
replaced by a battery followed by a DC-DC converter to provide a no-break power sustem in the event of
main supply failure.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com