Electronic Components Datasheet Search
  English  ▼

X  

MDW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # MDW
Description  20 Watts DC/DC Converter Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MDW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  MDW Datasheet HTML 1Page - Wall Industries,Inc. MDW Datasheet HTML 2Page - Wall Industries,Inc. MDW Datasheet HTML 3Page - Wall Industries,Inc. MDW Datasheet HTML 4Page - Wall Industries,Inc. MDW Datasheet HTML 5Page - Wall Industries,Inc. MDW Datasheet HTML 6Page - Wall Industries,Inc. MDW Datasheet HTML 7Page - Wall Industries,Inc. MDW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev C
MDW SERIES
20 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 8
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
360
400
440
kHz
Isolation Voltage
1 Minute
Input to Output
1600
VDC
Input to Case
1600
Output to Case
1600
Isolation Resistance
500VDC
1
G
Ω
Isolation Capacitance
1500
pF
Case Grounding
Connect Case to -Vin with decoupling Y cap
PHYSICAL SPECIFICATIONS
Weight
0.95oz (27g)
Dimensions (L x W x H)
2.0in x 1.0in x 0.40in
(50.8mm x 25.4mm x 10.2mm)
Case Material
Nickel-Coated Copper
Base Material
FR4 PCB
Potting Material
Epoxy (UL94 V-0)
Shielding
Six-Sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
UL60950-1
EN60950-1
IEC60950-1
EMI(7)
EN55022
Class A
Class B
ESD
EN61000-4-2
Air ±8kV
Perf. Criteria B
Contact ±6kV
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient(8)
EN61000-4-4
±2kV
Perf. Criteria B
Surge
EN61000-4-5
±1kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 1000A/m 1 sec
Perf. Criteria A
NOTES
(1)
Typical Value at Nominal Input Voltage and Full Load
(2)
Typical Value at Nominal Input Voltage and No Load
(3)
Maximum Value at Nominal Input and Full Load
(4)
Test by minimum Vin and Constant Resistive Load
(5)
The ON/OFF control pin voltage is referenced to –Vin.
To order negative logic ON/OFF control add the suffix “R” (Ex. MDW48S5-4000R)
(6)
Heat Sink is optional, consult factor for ordering details.
(7)
The MDW Series can meet EN55022 Class A with an external capacitor in parallel with the input pins.
Recommended: 24Vin: NA
48Vin: 1µF/100V
(8)
An external filter capacitor is required if the module has to meet EN61000-4-5.
The filter capacitor Wall Industries suggest: Nippon chemi-con KY series, 220µF/100V, ESR 48m
Ω.
Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com