Electronic Components Datasheet Search
  English  ▼

X  

MDW Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # MDW
Description  20 Watts DC/DC Converter Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MDW Datasheet(HTML) 5 Page - Wall Industries,Inc.

  MDW Datasheet HTML 1Page - Wall Industries,Inc. MDW Datasheet HTML 2Page - Wall Industries,Inc. MDW Datasheet HTML 3Page - Wall Industries,Inc. MDW Datasheet HTML 4Page - Wall Industries,Inc. MDW Datasheet HTML 5Page - Wall Industries,Inc. MDW Datasheet HTML 6Page - Wall Industries,Inc. MDW Datasheet HTML 7Page - Wall Industries,Inc. MDW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev C
MDW SERIES
20 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 8
MECHANICAL DRAWINGS
PIN CONNECTION
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
2
-INPUT
-INPUT
3
+OUTPUT
+OUTPUT
4
TRIM
COMMON
5
-OUTPUT
-OUTPUT
6
CTRL
CTRL
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the
method shown below
Note:
1.
All dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin pitch tolerance ±0.01 (0.25)
4.
Pin dimension tolerance ±0.004(0.1)
RECOMMENDED FILTER
Recommended Filter for EN55022 Class B Compliance (Figure 1)
Recommended EN55022 Class B Filter Circuit Layout (Figure 2)
The components used in figure 1 are as follows:
C1
C2
C3
C4
L1
MDW24xxx-xxxx
4.7µF/50V
N/A
1000pF/2KV
1000pF/2KV
450µH
Common Choke
MDW48xxx-xxxx
2.2µF/100V
2.2µF/100V
100pF/2KV
1000pF/2KV
325µH
Common Choke



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com